Electronic Components Datasheet Search
  English  ▼

X  

AD7691 Datasheet(PDF) 10 Page - Analog Devices

Part # AD7691
Description  16-Bit, 1 MSPS PulSAR ADC in MSOP QFN
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7691 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD7691 Datasheet HTML 4Page - Analog Devices AD7691 Datasheet HTML 5Page - Analog Devices AD7691 Datasheet HTML 6Page - Analog Devices AD7691 Datasheet HTML 7Page - Analog Devices AD7691 Datasheet HTML 8Page - Analog Devices AD7691 Datasheet HTML 9Page - Analog Devices AD7691 Datasheet HTML 10Page - Analog Devices AD7691 Datasheet HTML 11Page - Analog Devices AD7691 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD7980-EP
Rev. 0 | Page 10 of 12
100
80
10
1000
FREQUENCY (kHz)
95
90
85
100
Figure 17. SINAD vs. Frequency
95
85
89
87
91
93
–55
125
TEMPERATURE (°C)
–35
–15
5
25
65
85
45
105
Figure 18. SNR vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2.425
2.475
VDD VOLTAGE (V)
2.375
2.525
2.575
2.625
IVDD
IREF
IVIO
Figure 19. Operating Currents vs. Supply
–85
–125
10
1000
FREQUENCY (kHz)
100
–90
–95
–100
–105
–110
–115
–120
Figure 20. THD vs. Frequency
–110
–120
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
–112
–114
–116
–118
Figure 21. THD vs. Temperature
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
–55
–35
–15
5
25
TEMPERATURE (°C)
45
65
85
105
125
IVDD
IREF
IVIO
Figure 22. Operating Currents vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com