Electronic Components Datasheet Search
  English  ▼

X  

G3VM Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # G3VM
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button G3VM Datasheet HTML 9Page - Omron Electronics LLC G3VM Datasheet HTML 10Page - Omron Electronics LLC G3VM Datasheet HTML 11Page - Omron Electronics LLC G3VM Datasheet HTML 12Page - Omron Electronics LLC G3VM Datasheet HTML 13Page - Omron Electronics LLC G3VM Datasheet HTML 14Page - Omron Electronics LLC G3VM Datasheet HTML 15Page - Omron Electronics LLC G3VM Datasheet HTML 16Page - Omron Electronics LLC G3VM Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Relays - General Purpose
15
MY4H
MY
LY
MK
Insulation class
Approved standards
Contact Information
Contact form
UL, CSA, TUV, VDE, SEMKO
2 Form C, 3 Form C
N/A
UL, CSA
4 Form C
—
UL, CSA, SEV, CE, VDE, IMA
2 Form C, 4 Form C
Class A
UL, CSA, SEV, VDE, CE
(UL, CSA only with varistors)
Dimensions mm (in)
52.58 H x 34.54 L x 34.54 W
(2.07 x 1.36 x 1.36)
35 H x 28.5 L x 22 W
(1.38 x 1.12 x 0.87)
36 H x 28 L x 21.5 W
(1.42 x 1.10 x 0.85)
35.56 H x 27.94 L x 21.59 W
(1.40 x 1.10 x 0.85)
1 Form C, 2 Form C,
3 Form C, 4 Form C
Class A
Terminal choices
Plug-in
Plug-in
PCB, plug-in
Track mounted socket PCB
with .187/.250 QC
Electrical service life
(@ 1800 ops./hr.)
(resistive load)
100,000 min.
10A @ 28VDC/250VAC
100,000 min.
3A@24VDC/110VAC
(50,000 min. bifurcated)
2P 500,000: 5A @ 30VDC/250VAC
4P 200,000: 3A @ 30VDC/250VAC
100,000: 3A@30VDC/250VAC
(bifurcated)
200,000 min:
15A @ 24VDC/110VAC
10A @ 24VDC/110VAC
500,000 min: (2 pole)
10A @ 110VAC
Contact material(s)
Ag (fine silver)
AgSnIn
AgNi
Ag-Alloy
Power consumption
2.7VA, 1.5W
900 mW; 0.9 - 1.1VA
AC Coil: 0.9 to 1.2VA
DC Coil: 0.9W
1.1VA, 0.9W (1 pole);
1.1VA, 0.9W (DPDT);
1.6VA, 1.4W (3PDT);
1.95VA, 1.5W (4PDT)
Minimum permissible load
(@1800 ops./hr.)
100mA @ 1VDC
100µA @ 1VDC for MY4H
100µA @ 100mVDC for MY4ZH
(Bifurcated contacts)
2 pole: 1mA @ 5VDC
4 pole: 1mA @ 5VDC
10µA @ 1 VDC (bifurcated contacts)
100mA @ 5VDC
10mA @ 5VDC (bifurcated contacts)
Accessories
Sockets & clips for track
mount sockets with screw
terminals, & back connecting
sockets with solder & PCB
terminals
PYF14A-E Socket
PYC-A1 Clip
Sockets & clips for track
mount sockets with screw
terminals, & back connecting
sockets with solder & PCB
terminals. Note: PYF-S series
screwless clamp terminal socket
available Mounting rails= PFP
Sockets & clips for track
mount sockets with screw
terminals, & back connecting
sockets with solder & PCB
terminals
General Attributes
Switching
10 A max.
3A
10A (2 pole);
5 A (4 pole)
15A
Features
• Octal base plug-in
• Exceptional reliability
• Push-to-test button standard
• CENELEC conformity
• Full hermetic seal for
hazardous applications
• UL Class1, Division II approved
• Signal level switching option
using bifurcated contacts
• Exceptional reliability
• Push-to-test button standard
• Arc barrier built into 4 pole
• Built in diode (DC) or C/R
Circuit
• Name plate and mechanical
indicator, standard
• Compact power relay
• LED, Push-to-test button,
bifurcated contacts and other
features available
• Space efficient power switching
• Extended life to
500,000/200,000 operations
Contact type(s)
Single button
Single button, bifurcated button
Single button, bifurcated button
Single button, bifurcated
2,500VAC (coil-contact)
1,000VAC (open contacts)
1,000VAC (coil-contact)
1,000VAC (contacts pole pole)
700VAC (open contacts)
2,000VAC (coil-contact)
1,000VAC (open contacts)
2,000VAC (coil-contact)
1,000VAC (open contacts)
Dielectric strength
(50/60 Hz for 1 minute)
Coil Information
Coil voltage
12, 24, 110/120, 220/240VAC;
12, 24, 48, 100VDC
24, 110/120VAC
12, 24VDC
6, 12, 24, 48, 110/120,
220/240 VAC;
6,12, 24, 48, 100/110VDC
12, 24, 110/120, 220/240VAC,
12, 24, 48, 100VDC
Operating temperature
-10°C to +40°C
-25°C to +60°C
-55°C to +70°C
-25°C to +70°C
Characteristics
Impulse withstand voltage
(1.2 x 50µ sec. unless noted)
—
—
—
—
Max. switching capacity
(resistive load)
2,500VA, 280W
330VA, 72W
2,500VA, 300W
1,250VA, 150W (4-pole)
1,700VA, 360W (1 pole)
1,100VA, 240W (2, 3, 4 pole)
550VA, 120W (bifurcated)
Protection level
Unsealed
Hermetic seal
Unsealed
Unsealed, semi-sealed
ECbodyREADERS.indd 15
ECbodyREADERS.indd 15
7/14/06 11:22:57 PM
7/14/06 11:22:57 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com