Electronic Components Datasheet Search
  English  ▼

X  

G3VM Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3VM
Description  Electronic Components Master Selection Guide
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3VM Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3VM Datasheet HTML 1Page - Omron Electronics LLC G3VM Datasheet HTML 2Page - Omron Electronics LLC G3VM Datasheet HTML 3Page - Omron Electronics LLC G3VM Datasheet HTML 4Page - Omron Electronics LLC G3VM Datasheet HTML 5Page - Omron Electronics LLC G3VM Datasheet HTML 6Page - Omron Electronics LLC G3VM Datasheet HTML 7Page - Omron Electronics LLC G3VM Datasheet HTML 8Page - Omron Electronics LLC G3VM Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Relays - Low Signal
7
G5A
G5V-1
G6L
G5V-2
G6E
General Attributes
Dimensions mm (in)
10.0 H x 12.50 L x 7.50 W
(0.39 x 0.49 x 0.30)
8.38 H x 16 L x 9.9 W
(0.33 x 0.63 x 0.39)
4.5 H x 10.6 L x 7.0 W
(0.18 x 0.42 x 0.28
11.43 H x 20.32 L x 9.91 W
(0.45 x 0.80 x 0.39)
8.38 H x 16 L x 9.9 W
(0.33 x 0.63 x 0.39)
Switching
1A max.
1A max.
1A max.
2A max.
3A max.
Features
• General use, 1 Form C,
1 Amp relay
• 150mW power
consumption
•1.5kV surge withstand
• Ideal for Telecom,
Security, Computer
Peripheral
• General use, 2 Form C,
1 Amp relay
• Semi-sealed or fully-
sealed construction
• Ideal for Telecom,
Security, Computer
Peripheral, Office
Automation
• Very low profile,
1 Form A, 1 Amp relay
• 1.5kV surge withstand
• SMT & PCB versions
• Ideal for Security &
General Use
• 2 Form C, 1-2 Amp relay
• Ideal for general use
• Industry standard
footprint
• 150mW, 360mW &
500mW coil power
versions
• 1.5 kV surge withstand
• General use, 1 Form C,
3 Amp relay
• 2.5 kV surge withstand
• 200mW, 400mW models
• Latching and non-latching
versions
Contact Information
Contact form
1 Form C
2 Form C
1 Form A
2 Form C
1 Form C
Contact type
Single crossbar
Bifurcated crossbar
Single crossbar
Bifurcated crossbar
Bifurcated crossbar
Rated load
(under resistive load)
0.5A @ 125VAC,
1A @ 24VDC
0.5A @ 24VAC,
1A @ 24VDC
0.3A @ 125VAC,
1A @ 24VDC
0.5A @ 125VAC,
2A @ 30VDC
0.4A @ 125VAC,
2A @ 30VDC
Contact material
Ag with Au clad
Ag with Au clad
Ag with Au clad
Ag with Au clad
Ag with Au clad
Max. operating voltage
125VAC, 60VDC
125VAC, 125VDC
125VAC, 60VDC
125VAC, 125VDC
250VAC, 220VDC
Max. switching capacity
under resistive load
62.5VA, 30W
37.5VA, 33W
37.5VA, 24W
62.5VA, 60W
50VA, 60W
Min. electrical service life
(operations at rated load)
100,000
100,000
100,000
300,000
100,000
Min. permissible load
(for reference only)
1mA @ 5VDC
1mA @ 5VDC
1mA @ 5VDC
10µA @ 10mVDC
10µA @ 10mVDC
Coil Information
Coil voltage
5, 6, 9, 12, 24VDC
5, 6, 9, 12, 24, 48VDC
3, 4.5, 5, 12, 24VDC
3, 5, 6, 9, 12, 24, 48VDC
3, 5, 6, 9, 12, 24, 48VDC
Surge withstand
1.5kV (10 x 160µs)
_
–
1.5kV (10 x 160µs)
2.5kV (2 x 10µs)
Power consumption
150mW
200mW
(standard & latching)
180mW (standard)
500mW (standard)
360mW (high-sensitivity)
150mW (ultra-sensitive)
200mW (standard)
400mW (standard)
Characteristics
Dielectric strength
between coil & contacts
(50/60 Hz for 1 minute)
1,000VAC
1,000VAC
1,000VAC
1,000VAC
1,500VAC
Terminal choices
PCB
PCB
PCB, SMT Gullwing
PCB
PCB
Packaging
–
–
Tape & reel available
–
–
Approved standards
UL, CSA
UL, CSA
UL/CSA (FCC Part 68)
UL, CSA
UL/CSA (FCC Part 68)
Bellcore 2.5kV / Telcordia
GR-1089-CORE 2.5kV
between coil and contacts
ECbodyREADERS.indd 7
ECbodyREADERS.indd 7
7/14/06 11:21:43 PM
7/14/06 11:21:43 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com