Electronic Components Datasheet Search
  English  ▼

X  

MCP2200 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 3 Page - Microchip Technology

  MCP2200_13 Datasheet HTML 1Page - Microchip Technology MCP2200_13 Datasheet HTML 2Page - Microchip Technology MCP2200_13 Datasheet HTML 3Page - Microchip Technology MCP2200_13 Datasheet HTML 4Page - Microchip Technology MCP2200_13 Datasheet HTML 5Page - Microchip Technology MCP2200_13 Datasheet HTML 6Page - Microchip Technology MCP2200_13 Datasheet HTML 7Page - Microchip Technology MCP2200_13 Datasheet HTML 8Page - Microchip Technology MCP2200_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
 2011 Microchip Technology Inc.
DS22228B-page 3
MCP2200
1.0
FUNCTIONAL DESCRIPTION
The MCP2200 is a USB-to-UART serial converter
which enables USB connectivity in applications that
have a UART interface. The device reduces external
components by integrating the USB termination
resistors. The MCP2200 also has 256 bytes of
integrated user EEPROM.
The MCP2200 has eight general purpose input/output
pins. Four pins have alternate functions to indicate
USB and communication status. See Table 1-1 and
Section 1.6 “GPIO Module”
for details about the pin
functions.
TABLE 1-1:
PINOUT DESCRIPTION
Pin
Name
SSOP,
SOIC
QFN
Pin
Type
Standard Function
Alternate Function
GP0/SSPND
16
13
I/O
General purpose I/O
USB suspend status pin
(refer to Section 1.6.1.1)
GP1/USB-
CFG
15
12
I/O
General purpose I/O
USB configuration status pin
(refer to Section 1.6.1.2)
GP2
14
11
I/O
General purpose I/O
GP3
9
6
I/O
General purpose I/O
GP4
8
5
I/O
General purpose I/O
GP5
7
4
I/O
General purpose I/O
GP6/RxLED
6
3
I/O
General purpose I/O
USB receive activity LED output
(refer to Section 1.6.1.3)
GP7/TxLED
5
2
I/O
General purpose I/O
USB transmit activity LED
output (refer to Section 1.6.1.4)
RST
4
1
I
Reset input must be externally biased
CTS
13
10
I
Hardware flow control “Clear to Send” input
signal
RX
12
9
I
USART RX input
RTS
11
8
O
Hardware flow control “Request to Send”
output signal
TX
10
7
O
USART TX output
VDD
118
P
Power
VSS
20
17
P
Ground
OSC1
2
19
I
Oscillator input
OSC2
3
20
O
Oscillator output
D+
19
16
I/O
USB D+
D-
18
15
I/O
USB D-
VUSB
17
14
P
USB power pin (internally connected to
3.3V). Should be locally bypassed with a
high quality ceramic capacitor.
EP
—
21
—
Exposed Thermal Pad (EP). Do not
electrically connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com