Electronic Components Datasheet Search
  English  ▼

X  

MCP2200 Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP2200
Description  USB 2.0 to UART Protocol Converter with GPIO
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2200 Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP2200_13 Datasheet HTML 26Page - Microchip Technology MCP2200_13 Datasheet HTML 27Page - Microchip Technology MCP2200_13 Datasheet HTML 28Page - Microchip Technology MCP2200_13 Datasheet HTML 29Page - Microchip Technology MCP2200_13 Datasheet HTML 30Page - Microchip Technology MCP2200_13 Datasheet HTML 31Page - Microchip Technology MCP2200_13 Datasheet HTML 32Page - Microchip Technology MCP2200_13 Datasheet HTML 33Page - Microchip Technology MCP2200_13 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
MCP2200
DS22228B-page 30
 2011 Microchip Technology Inc.
3.2.3
TIMING DIAGRAMS AND
SPECIFICATIONS
TABLE 3-4:
RESET, OSCILLATOR START-UP TIMER AND POWER-UP TIMER PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Operating Temperature -40°C
TA +85°C
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
30
TRST
MCLR Pulse Width (low)
2—
—
μs
31
TPWRT Power-up timer
40
65
140
ms
32
TOST
Oscillator startup time
—
1024
—
TOST
* These parameters are characterized but not tested.
† Data in “Typ” column is at 5V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com