Electronic Components Datasheet Search
  English  ▼

X  

S8VS Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # S8VS
Description  Switch Mode Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button S8VS Datasheet HTML 17Page - Omron Electronics LLC S8VS Datasheet HTML 18Page - Omron Electronics LLC S8VS Datasheet HTML 19Page - Omron Electronics LLC S8VS Datasheet HTML 20Page - Omron Electronics LLC S8VS Datasheet HTML 21Page - Omron Electronics LLC S8VS Datasheet HTML 22Page - Omron Electronics LLC S8VS Datasheet HTML 23Page - Omron Electronics LLC S8VS Datasheet HTML 24Page - Omron Electronics LLC S8VS Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
S8VS
21
Dimensions
Power Supplies with Screw Terminal Blocks
Note: All units are in millimeters unless otherwise indicated.
Note: The illustration is the S8VS-03024 model.
Note: The illustration is the S8VS-06024A model.
Note: The illustration is the S8VS-12024A model.
Note: The illustration is the S8VS-18024A model.
8
4.8
(Sliding: 10 max.)
4.8
(Sliding: 10 max.)
35.2
96.4
4
Rail stopper
Five, M3.5 terminal
screws with square
washers
22.5
10.2
85
10.4
S8VS-015
@@ (15 W)
S8VS-030
@@ (30 W)
10
7
97.1
11.2
35.4
108.3
1
40
74
95
Five, M4 terminal screws
with square washers
Rail stopper
4.5
(Sliding: 15 max.)
S8VS-06024 (60 W)
S8VS-06024A (60 W)
S8VS-06024B (60 W)
10
7
110.3
10.9
35.4
121.2
1
94
115
50
Five, M4 terminal screws
with square washers
Rail stopper
Screwless block (2.5-mm pitches)
4.5
(Sliding: 15 max.)
S8VS-09024 (90 W) /S8VS-09024S (90 W) /S8VS-12024 (120 W)
S8VS-09024A
@ (90 W) /S8VS-09024A@S (90 W) /S8VS-12024A@ (120 W)
S8VS-09024B
@ (90 W) /S8VS-09024B@S (90 W) /S8VS-12024B@ (120 W)
S8VS-09024BE (90 W) /S8VS-09024BES (90 W) /S8VS-12024BE (120 W)
10
7
94
115
75
4.5
116.6
125.3
35.4
8.7
1
Rail stopper
Screwless block (2.5-mm pitches)
(Sliding: 15 max.)
Seven, M4 terminal screws
with square washers
S8VS-18024 (180 W)
S8VS-18024A
@ (180 W)
S8VS-18024B
@ (180 W)
S8VS-18024BE (180 W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com