Electronic Components Datasheet Search
  English  ▼

X  

S8VS Datasheet(PDF) 30 Page - Omron Electronics LLC

Part # S8VS
Description  Switch Mode Power Supply
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VS Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button S8VS Datasheet HTML 26Page - Omron Electronics LLC S8VS Datasheet HTML 27Page - Omron Electronics LLC S8VS Datasheet HTML 28Page - Omron Electronics LLC S8VS Datasheet HTML 29Page - Omron Electronics LLC S8VS Datasheet HTML 30Page - Omron Electronics LLC S8VS Datasheet HTML 31Page - Omron Electronics LLC S8VS Datasheet HTML 32Page - Omron Electronics LLC S8VS Datasheet HTML 33Page - Omron Electronics LLC S8VS Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
S8VS
30
Maintenance Forecast Monitor Function
The Power Supply is equipped with electrolytic capacitors.
The electrolyte inside the electrolytic capacitor penetrates the sealing
rubber and evaporates as time passes since it is manufactured, which
causes deterioration of characteristics such as decreasing the
capacitance, etc.
Due to this deterioration of the characteristics of the electrolytic
capacitor, the Power Supply decreases its performance as time
passes.
The maintenance forecast monitor function shows an approximate
period left for maintenance of the Power Supply due to deterioration
of electrolytic capacitors. When the period left for maintenance that
the power supply forecasts reaches the set value, an alarm is
indicated and an output signal is triggered.
Use this function to know the approximate replacement timing of the
Power Supply.
Note: The maintenance forecast monitor function indicates an
approximate period left for maintenance, based on
deterioration of the electrolytic capacitor. It does not predict
failures caused by other reasons.
Relationship between Indicated Values and Output of Set Values
Principle of Operation
The deterioration speed of the electrolytic capacitor varies
considerably according to the ambient temperature. (Generally the
speed follows “Rule of Two for every 10
°C”; for every 10°C increase
in temperature the rate of degradation doubles according to
Arrhenius’s equation.) The S8VS-
@@@24A@@ monitors the
temperature inside the power supply, and calculates the amount of
deterioration according to the running hours and inside temperature.
Judging by this amount of deterioration, the power supply will give the
alarm indication and output when the period left for maintenance
reaches the set value.
Note: 1. Due to degradation of internal electronic parts, replace the
power supply approximately 15 years after purchase even if
indication and output of maintenance forecast monitor are
not issued.
2. The maintenance forecast is accelerated or decelerated
according to operating conditions. Periodically check
indication.
3. Acceleration or deceleration of the maintenance forecast
may cause the output to repeatedly go ON/OFF.
Only the S8VS-09024A
@@, S8VS-12024A@, S8VS-
18024A
@, S8VS-24024A@, and S8VS-48024A are
equipped with output.
4. The accuracy of the maintenance forecast function may be
adversely affected by applications in which the AC input is
frequently turned ON/OFF.
Reference Values (15-W to 480-W Models)
Note: The maintenance forecast is the service life (the power
supply’s internal temperature is monitored at all times) of the
internal electrolytic capacitor in actual operating conditions,
and varies according to the customer’s operating conditions.
15 years is taken as the maximum period of the maintenance
forecast.
(L
−0.5)
5.0
L=2.5
L=0.5
2.5
2.0
1.5
1.0
0.5
0
Initial capacity
"1.0" is displayed on the main display for the
duration that the maintenance forecast up to
replacement satisfies the condition 1.0
≤ T < 1.5.
In case of setting L between 2.5 and 5.
Maintenance forecast monitor output
T: Maintenance time
until replacement
The numerical value
decreases with time.
Main display
Capacity of Capacitor
Capacity level
at replacement
Note: This function can be set only on the S8VS-09024A
@@, S8VS-12024A@, S8VS-18024A@, S8VS-24024A@, and S8VS-48024A.
L: Maintenance forecast set value (See note.)
0.0 to 5.0, 0.5 steps
Item
Value
Definition
Reliability
(MTBF)
15 W to 240 W:
135,000 hr min.
480 W:
60,000 hr min.
MTBF stands for Mean Time
Between Failures, which is
calculated according to the
probability of accidental device
failures, and indicates reliability of
devices.
Therefore, it does not necessarily
represent the life of the Product.
Life
expectancy
10 yr min.
The life expectancy indicates
average operating hours under the
ambient temperature of 40
°C and a
load rate of 50%. Normally this is
determined by the life expectancy of
the built-in aluminum electrolytic
capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com