Electronic Components Datasheet Search
  English  ▼

X  

AP431 Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431 Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP431 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Advanced Power
Electronics Corp.
AP431
ADJUSTABLE PRECISION SHUNT REGULATOR
FEATURES
DESCRIPTIOON
Low Voltage Operation (2.5V)
Adjustable Output Voltage V0 =VREF to 18V
Wide Operating Current Range 0.4mA
to 100mA
Low Dynamic Output Impedance 0.5Ω max.
ESD Rating is 5.5KV(Per MIL-STD-883D).
Halogen Free Product
APPLICATIONS
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drives
ORDERING / PACKAGE INFORMATION
Data and specifications subject to change without notice
1
20130522V3.1
TYPICAL APPLICATION
The AP431 is a low voltage three terminal
adjustable shunt regulator with a guaranteed thermal
stability over applicable temperature ranges. The output
voltage can be set to any value between VREF
(approximately 2.5 V) to 18V with two external resistors
(see application circuit). This device has a typical output
impedance of 0.2 Ω . Active output circuitry provides a
very sharp turn on characteristic, making this device
excel lent replacement for Zener diodes in many
applications.
The AP431 is characterized for operation from 0
oC
to 105
oC, and four package options (SOT-23, SOT-89,
SO-8 and TO-92) allow the designer the opportunity to
select the proper package for their application.
Package Type
N : SOT-23
T : TO-92
G : SOT-89
M : SO-8
AP431X
2
3
1
SOT-23 (N type)
AP431N
Cathode
REF
Anode
(Top View )
( Top View )
1
2
3
4
8
7
6
5
Anode
SO-8
Anode
Cathode
Anode
NC
Anode
REF
NC
3
2
1
REF
Anode
Cathode
(Top View)
TO-92 (T)


Similar Part No. - AP431

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP431 ANACHIP-AP431 Datasheet
323Kb / 17P
Adjustable Precision Shunt Regulator
Rev.1.0 May.7, 2004
logo
Diodes Incorporated
AP431 DIODES-AP431 Datasheet
285Kb / 14P
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A Rev. 5
AP431 DIODES-AP431 Datasheet
303Kb / 16P
ADJUSTABLE PRECISION SHUNT REGULATOR
DS31002 Rev. 15 - 2
AP431 DIODES-AP431 Datasheet
209Kb / 2P
Very low cathode current 2.5V shunt regulator with industrial temperature range and 36V max input voltage
Rev erse
logo
BCD Semiconductor Manuf...
AP4310 BCDSEMI-AP4310 Datasheet
130Kb / 11P
DUAL OP AMP AND VOLTAGE REFERENCE
More results

Similar Description - AP431

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com