Electronic Components Datasheet Search
  English  ▼

X  

AP431 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP431 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP431 Datasheet HTML 1Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 2Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 3Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 4Page - Advanced Power Electronics Corp. AP431 Datasheet HTML 5Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Advanced Power
Electronics Corp.
AP431
ABSOLUTE MAXIMUM RATINGS
Cathode Voltage (VKA) ------------------------------------- 18V
Continuous Cathode Current (IKA) ---------------------- 150mA
Reference Input Current (IREF) --------------------------- 10mA
Power Dissipation (PD) ---------------------------------------------
SOT-23 -------- 0.3W
SOT-89 -------- 0.625W
SO-8 -----------
1.25W
TO-92 ---------- 0.64W
Storage Temperature Range (TST) --------------------- -65 to +150°C
Junction Temperature (TJ) -------------------------------- +125°C
SOT-23 -------- 336°C/W
SOT-89 -------- 160°C/W
SO-8 -----------
80°C/W
TO-92 ---------- 156°C/W
Lead Temperature (Soldering) 10 seconds (TLEAD)
260°C
ELECTRICAL SPECIFICATIONS
(TA =25
oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Reference Voltage (Test circuit 1)
VREF
VKA = VREF, IKA = 10mA
2.47
2.495
2.52
V
VKA = VREF,
IKA = 10mA,
TA = Full Range
R1 = 10KΩ,
R2 = ∞, IKA= 10mA
R1 = 10KΩ,
R2 = ∞, IKA = 10mA
TA = Full Range
Minimum Cathode Current for
Regulation (Test circuit 1)
IKA(min)
VKA = VREF
-
0.4
1
mA
VKA = 18V,
VREF = 0V
V KA = VREF, IKA = 1mA ~ 100mA
Frequency < 1KHz
mV
Off-state Cathode Current (Test
circuit 3)
Reference Input Current (Test
circuit 2)
IREF
-2
4
4
2
uA
1.2
uA
mV/V
uA
0.5
Ω
-
0.4
25
1
Dynamic Impedance (Test circuit 1)
-
0.2
IKA(OFF)
-
0.1
Thermal Resistance from Junction to ambient (Rthja)
IKA = 10mA, δVKA=10V -VREF
Deviation of Reference Input
Voltage over full temperature range
(Test circuit 1)
VREF(DEV)
Deviation of Reference current over
full temperature range (Test circuit
2)
IREF(DEV)
-2.7
-
-1.4
Ratio of change in reference
voltage to the change in cathode
voltage (Test circuit 2)
ΔV RE F
ΔV KA
KA
Z



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com