Electronic Components Datasheet Search
  English  ▼

X  

APE1612TY Datasheet(PDF) 7 Page - Advanced Power Electronics Corp.

Part # APE1612TY
Description  1.9A FIXED FREQUENCY WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1612TY Datasheet(HTML) 7 Page - Advanced Power Electronics Corp.

  APE1612TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Advanced Power
Electronics Corp.
APE1612
TYPICAL PERFORMANCE CHARACTERISTICS
7
Steady State Operation
Normal Operation into OVP
PWM Dimming from EN (200Hz)
PWM Dimming from EN (20KHz)
( VOUT, IOUT: measured by AC coupled mode )



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com