Electronic Components Datasheet Search
  English  ▼

X  

APE1612TY Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE1612TY
Description  1.9A FIXED FREQUENCY WHITE LED DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE1612TY Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE1612TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE1612TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Power
Electronics Corp.
APE1612
ELECTRICAL SPECIFICATIONS
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
FB Input Leakage Current
IFB-LKG
VFB = 0.5V
-
0.01
100
nA
SW Leakage Current
ISWL
VLX = 27V, VFB =0.5V
-
-
1
µA
IEN-LKG1
VEN= VCC
-
1.5
3
μ
A
IEN-LKG2
VEN= GND
-
0.01
0.1
μ
A
Shutdown Delay
TSHDN
-10
-
mS
Thermal Shutdown
TSD
-
150
-
Thermal Shutdown Hysteresis
TSH
-30
-
Note1 : Guaranteed by design.
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
VCC
Power Input Pin
EN
Enable with dimming pin, Internal pull-high.
FB
Feedback Pin; Put a resistor to GND to setting the current
GND
Ground Pin
OV
OVP Sense Pin
SW
Switch Output Pin
BLOCK DIAGRAM
3
EN Input Leakage Current
oC
VCC
SW
Control and
Driver Logic
EN
Reference
1.238V
Soft Start
Current
Sense
Slope
Compensation
Oscillator
1.2MHz
FB
Error
Amplifier
Summing
Comparator
Thermal
Shutdown
Enable
Logic
GND
N-MOS
10ms
300mV
Shutdown
OVP
OV
UVLO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com