Electronic Components Datasheet Search
  English  ▼

X  

APE8875TY Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8875TY
Description  1.6X LINEAR REGULATOR FOR DC FAN DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8875TY Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8875TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Advanced Power
Electronics Corp.
APE8875
ABSOLUTE MAXIMUM RATINGS (at T
A=25
oC)
VIN Supply Voltage (VIN) -------------------------- -0.3 to 6.5V
EN Voltage (VEN) ------------------------------------ -0.3 to VIN
VSET Voltage (VSET) ------------------------------- -0.3 to VIN
Power Dissipation (PD) ----------------------------- 0.4W
Storage Temperature Range (TST) -------------- -65 to +150°C
Junction Temperature Range (TJ) --------------
-40 to +125°C
Operating Temperature Range (TOP) ----------- -40 to +85°C
TSOT-26
50°C/W
SO-8
25°C/W
TSOT-26
100°C/W
SO-8
70°C/W
Note: RthJA is measured with the PCB copper area approximately 1.5 in
2 (Multi-layer) that connect to GND Pins.
(VSET = 2V, VIN = 5V, IOUT = 0.5A, CIN=COUT=2.2uF, TA=25
oC unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
VIN Supply Voltage Range
VIN
4.5
-
6
V
Quiescent Current
ICCQ
No Load
-
50
80
uA
Standby Current
ISTB
VEN=0V
-
1
10
uA
Output Voltage/VSET Voltage
VO/VSET VIN=5.5V, VSET=1V~3.3V
1.552
1.6
1.648
V/V
Line Regulation
VIN=4.5V to 5.5V
-
0.2
0.5
%
Load Regulation
IOUT=10mA ~ 0.6A
-
30
60
mV
Dropout Voltage
VDrop
IOUT=0.6A, VSET=3.3V
-
200
320
mV
Current Limit
ILimt
700
-
-
mA
Short Circuit Current
IShort
Vo<0.6V
-
250
-
mA
VSET Voltage Range
VSET
0.1
-
3.3
V
VSET Pin Current
ISET
VSET=5V
-
80
200
nA
VEN-H Operating mode
2
-
-
VEN-L
Shutdown mode
-
-
0.8
IENH
VEN=VIN
-
0.003
0.1
μA
IENL
VIN=5V, VEN=0V
-
1
5
μA
VOUT Pull Low Resistance
RO
VEN=0V
-
60
-
Ω
Thermal Shutdown Temp
TSD
-
150
-
°C
Thermal Shutdown Hysteresis
-
30
-
°C
2
ELECTRICAL SPECIFICATIONS
Thermal Resistance from Junction to Ambient(RthJA)
EN Pin Logic Threshold Voltage
V
Enable Pin Current
Thermal Resistance from Junction to Case(RthJC)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com