Electronic Components Datasheet Search
  English  ▼

X  

APE8875TY Datasheet(PDF) 3 Page - Advanced Power Electronics Corp.

Part # APE8875TY
Description  1.6X LINEAR REGULATOR FOR DC FAN DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8875TY Datasheet(HTML) 3 Page - Advanced Power Electronics Corp.

  APE8875TY Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8875TY Datasheet HTML 9Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Advanced Power
Electronics Corp.
APE8875
PIN DESCRIPTIONS
PIN SYMBOL
PIN DESCRIPTION
VIN
IC power supply pin.
EN
This pin is pulling High inside. If EN input < 0.8V, the IC is into shutdown mode.
This pin sets the output voltage. Its voltage can form 0.1V to 3.3V to guarantee
VOUT 1.6 times of VSET
GND
Ground Pin
VOUT
Output Pin. Its voltage is 1.6 times of VSET
BLOCK DIAGRAM
FUNCTION DESCRIPTIONS
Output Voltage Regulation
Enable/Shutdown
3
VSET
Current Limit and
Short Protection
- +
VIN
VOUT
GND
Error
Amp
Thermal
Shutdown
Enable
VSET
EN
The Output Voltage is set by VSET voltage. VOUT output voltage follows the 1.6
times of VSET voltage until it reaches VIN voltage.
Driving the EN high turns on the regulator, driving the EN low puts the regulator
into shutdown mode. A logic low also causes the output voltage to discharge to the
GND. The EN is pulled Hight by an internal resistor.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com