Electronic Components Datasheet Search
  English  ▼

X  

AD8062 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8062
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8062 Datasheet HTML 2Page - Analog Devices AD8062 Datasheet HTML 3Page - Analog Devices AD8062 Datasheet HTML 4Page - Analog Devices AD8062 Datasheet HTML 5Page - Analog Devices AD8062 Datasheet HTML 6Page - Analog Devices AD8062 Datasheet HTML 7Page - Analog Devices AD8062 Datasheet HTML 8Page - Analog Devices AD8062 Datasheet HTML 9Page - Analog Devices AD8062 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5545/AD5555
Data Sheet
Rev. G | Page 6 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
AD5545/
AD5555
TOP VIEW
(Not to Scale)
8
7
6
5
1
4
3
2
9
10
11
12
16
13
14
15
CS
DGND
CLK
VDD
MSB
LDAC
RS
SDI
VREFB
RFBB
AGNDB
IOUTB
RFBA
AGNDA
IOUTA
VREFA
02918- 0- 002
Figure 4. 16-Lead TSSOP
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RFBA
Establish voltage output for DAC A by connecting this pin to an external amplifier output.
2
VREFA
DAC A Reference Voltage Input Terminal. Establishes DAC A full-scale output voltage. This pin can
be tied to the VDD pin.
3
IOUTA
DAC A Current Output.
4
AGNDA
DAC A Analog Ground.
5
AGNDB
DAC B Analog Ground.
6
IOUTB
DAC B Current Output.
7
VREFB
DAC B Reference Voltage Input Terminal. Establishes DAC B full-scale output voltage.
This pin can be tied to the VDD pin.
8
RFBB
Establish voltage output for DAC B by the RFBB pin connecting to an external amplifier output.
9
SDI
Serial Data Input. Input data loads directly into the shift register.
10
RS
Reset Pin, Active Low Input. Input registers and DAC registers are set to all 0s or midscale. Register
Data = 0x0000 when MSB = 0. Register Data = 0x8000 for AD5545 and 0x2000 for AD5555 when
MSB = 1.
11
CS
Chip Select, Active Low Input. Disables shift register loading when high. Transfers serial register
data to the input register when CS/LDAC returns high. This does not affect LDAC operation.
12
DGND
Digital Ground Pin.
13
VDD
Positive Power Supply Input. Specified range of operation 5 V ± 10%.
14
MSB
MSB bit sets output to either 0 or midscale during a RESET pulse (RS) or at system power-on.
Output equals zero scale when MSB = 0 and midscale when MSB = 1. MSB pin can also be tied
permanently to ground or VDD.
15
LDAC
Load DAC Register Strobe, Level Sensitive Active Low. Transfers all input register data to DAC
registers. Asynchronous active low input. See Table 7 and Table 8 for operation.
16
CLK
Clock Input. Positive edge clocks data into shift register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com