Electronic Components Datasheet Search
  English  ▼

X  

AD8062 Datasheet(PDF) 3 Page - Analog Devices

Part # AD8062
Description  Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8062 Datasheet(HTML) 3 Page - Analog Devices

  AD8062 Datasheet HTML 1Page - Analog Devices AD8062 Datasheet HTML 2Page - Analog Devices AD8062 Datasheet HTML 3Page - Analog Devices AD8062 Datasheet HTML 4Page - Analog Devices AD8062 Datasheet HTML 5Page - Analog Devices AD8062 Datasheet HTML 6Page - Analog Devices AD8062 Datasheet HTML 7Page - Analog Devices AD8062 Datasheet HTML 8Page - Analog Devices AD8062 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD5545/AD5555
Rev. G | Page 3 of 24
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 5 V ± 10%, IOUT = virtual GND, GND = 0 V, VREF = 10 V, TA = full operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
STATIC PERFORMANCE1
Resolution
N
AD5545, 1 LSB = VREF/216 = 153 µV when VREF = 10 V
16
Bits
AD5555, 1 LSB = VREF/214 = 610 µV when VREF = 10 V
14
Bits
Relative Accuracy
INL
AD5545B
±2
LSB
AD5555C
±1
LSB
AD5545C
±1
LSB
Differential Nonlinearity
DNL
Monotonic
±1
LSB
Output Leakage Current
IOUT
Data = 0x0000, TA = 25°C
10
nA
Data = 0x0000, TA = TA Max
20
nA
Full-Scale Gain Error
GFSE
Data = full scale
±1
±4
mV
Full-Scale Temperature Coefficient2
TCVFS
1
ppm/°C
REFERENCE INPUT
VREF Range
VREF
–12
+12
V
Input Resistance
RREF
5
kΩ3
Input Capacitance2
CREF
5
pF
ANALOG OUTPUT
Output Current
IOUT
Data = full scale
2
mA
Output Capacitance2
COUT
Code dependent
200
pF
LOGIC INPUTS AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V
Logic Input High Voltage
VIH
2.4
V
Input Leakage Current
IIL
10
µA
Input Capacitance2
CIL
10
pF
INTERFACE TIMING2, 4
50
MHz
Clock Input Frequency
fCLK
10
ns
Clock Width High
tCH
10
ns
Clock Width Low
tCL
0
ns
CS to Clock Setup
tCSS
10
ns
Clock to CS Hold
tCSH
5
ns
Data Setup
tDS
10
ns
Data Hold
tDH
5
ns
LDAC Setup
tLDS
10
ns
Hold
tLDH
10
ns
LDAC Width
tLDAC
50
MHz
SUPPLY CHARACTERISTICS
Power Supply Range
VDD range
4.5
5.5
V
Positive Supply Current
IDD
Logic inputs = 0 V
10
µA
Power Dissipation
PDISS
Logic inputs = 0 V
0.055
mW
Power Supply Sensitivity
PSS
∆VDD = ±5%
0.006
%/%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com