Electronic Components Datasheet Search
  English  ▼

X  

AD8041 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8041
Description  160 MHz Rail-to-Rail Amplifier with Disable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8041 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8041 Datasheet HTML 5Page - Analog Devices AD8041 Datasheet HTML 6Page - Analog Devices AD8041 Datasheet HTML 7Page - Analog Devices AD8041 Datasheet HTML 8Page - Analog Devices AD8041 Datasheet HTML 9Page - Analog Devices AD8041 Datasheet HTML 10Page - Analog Devices AD8041 Datasheet HTML 11Page - Analog Devices AD8041 Datasheet HTML 12Page - Analog Devices AD8041 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD8041
–9–
TEMPERATURE ( C)
8
5
2
–60
–40
–20
0
20
40
60
80
100
120
7
6
4
3
VS = 5V
VS = 5V
VS = 3V
TPC 19. Supply Current vs. Temperature
FREQUENCY (MHz)
40
–20
–60
–100
–140
20
0
–40
–80
–120
–160
1
500
10
100
0.1
0.01
VS = 5V
–PSRR
+PSRR
TPC 20. PSRR vs. Frequency
10
9
0
6
3
2
1
8
7
4
5
FREQUENCY (MHz)
VS = 5V
RL = 2k
0.1
1000
110
100
TPC 21. Output Voltage Swing vs. Frequency
SERIES RESISTANCE ( )
90
10
80
50
40
30
20
70
60
0
060
10
20
30
40
50
VIN
100k
RSERIES
CLOAD
1k
20 PHASE
MARGIN
45 PHASE
MARGIN
VS = 5V
TPC 22. Capacitive Load vs. Series Resistance
FREQUENCY (MHz)
5
4
–5
3
2
1
0
–1
–2
–3
–4
1
500
10
100
G = +2
G = +10
G = +5
G = +2,
RF = 402
VS = 5V
RL = 5k TO 2.5V
RF = 2k
TPC 23. Frequency Response vs. Closed-Loop Gain
1.600V
1.550V
1.500V
1.450V
1.400V
1.425V
1.475V
1.525V
1.575V
10ns
50mV
VIN = 0.1V p-p
RL = 2k
VS = 3V
G = +1
TPC 24. Pulse Response, VS = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com