Electronic Components Datasheet Search
  English  ▼

X  

AD5314ARM Datasheet(PDF) 9 Page - Analog Devices

Part # AD5314ARM
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5314ARM Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5314ARM Datasheet HTML 5Page - Analog Devices AD5314ARM Datasheet HTML 6Page - Analog Devices AD5314ARM Datasheet HTML 7Page - Analog Devices AD5314ARM Datasheet HTML 8Page - Analog Devices AD5314ARM Datasheet HTML 9Page - Analog Devices AD5314ARM Datasheet HTML 10Page - Analog Devices AD5314ARM Datasheet HTML 11Page - Analog Devices AD5314ARM Datasheet HTML 12Page - Analog Devices AD5314ARM Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD5304/AD5314/AD5324
Rev. H | Page 9 of 24
0.50
0
–0.50
0.25
–0.25
01
23
4
5
VREF (V)
TA = 25°C
VDD = 5V
MAX INL
MAX DNL
MIN INL
MIN DNL
Figure 11. AD5304 INL and DNL Error vs. VREF
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–40
120
80
40
0
TEMPERATURE (°C)
MAX INL
MAX DNL
MIN INL
MIN DNL
VDD = 5V
VREF = 3V
Figure 12. AD5304 INL Error and DNL Error vs. Temperature
1.0
–1.0
–0.5
0
0.5
–40
120
80
40
0
TEMPERATURE (°C)
VDD = 5V
VREF = 2V
GAIN ERROR
OFFSET ERROR
Figure 13. AD5304 Offset Error and Gain Error vs. Temperature
0.2
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
06
5
4
3
2
1
VDD (V)
GAIN ERROR
OFFSET ERROR
TA = 25°C
VREF = 2V
Figure 14. Offset Error and Gain Error vs. VDD
5
0
4
3
2
1
06
5
4
3
2
1
SINK/SOURCE CURRENT (mA)
5V SOURCE
3V SOURCE
5V SINK
3V SINK
Figure 15. VOUT Source and Sink Current Capability
600
500
400
300
200
100
0
ZERO SCALE
FULL SCALE
CODE
TA = 25°C
VDD = 5V
VREF = 2V
Figure 16. Supply Current vs. DAC Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com