Electronic Components Datasheet Search
  English  ▼

X  

AD5314ARM Datasheet(PDF) 18 Page - Analog Devices

Part # AD5314ARM
Description  2.5 V to 5.5 V, 500 關A, Quad Voltage Output 8-/10-/12-Bit DACs in 10-Lead Packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5314ARM Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5314ARM Datasheet HTML 14Page - Analog Devices AD5314ARM Datasheet HTML 15Page - Analog Devices AD5314ARM Datasheet HTML 16Page - Analog Devices AD5314ARM Datasheet HTML 17Page - Analog Devices AD5314ARM Datasheet HTML 18Page - Analog Devices AD5314ARM Datasheet HTML 19Page - Analog Devices AD5314ARM Datasheet HTML 20Page - Analog Devices AD5314ARM Datasheet HTML 21Page - Analog Devices AD5314ARM Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD5304/AD5314/AD5324
Data Sheet
Rev. H | Page 18 of 24
APPLICATIONS INFORMATION
TYPICAL APPLICATION CIRCUIT
The AD5304/AD5314/AD5324 can be used with a wide range
of reference voltages where the devices offer full, one-quadrant
multiplying capability over a reference range of 0 V to VDD.
More typically, these devices are used with a fixed, precision
reference voltage. Suitable references for 5 V operation are the
AD780 and REF192 (2.5 V references). For 2.5 V operation, a
suitable external reference would be the AD589, a 1.23 V band
gap reference. Figure 40 shows a typical setup for the AD5304/
AD5314/AD5324 when using an external reference.
AD5304/AD5314/
AD5324
VDD = 2.5V TO 5.5V
SCLK
REFIN
DIN
SYNC
VOUTA
VOUTB
VOUTC
VOUTD
GND
A0
SERIAL
INTERFACE
VOUT
VIN
EXTERNAL
REFERENCE
AD790/REF192
WITH VDD = 5V
OR AD589 WITH
VDD = 2.5V
1µF
0.1µF
10µF
Figure 40. AD5304/AD5314/AD5324 Using External Reference
If an output range of 0 V to VDD is required, the simplest solution is
to connect the reference input to VDD. As this supply is not very
accurate and can be noisy, the AD5304/AD5314/AD5324 can
be powered from the reference voltage; for example, using a 5 V
reference such as the REF195. The REF195 can output a steady
supply voltage for the AD5304/AD5314/AD5324. The current
required from the REF195 is 600 μA supply current and approxi-
mately 112 μA into the reference input. This is with no load on
the DAC outputs. When the DAC outputs are loaded, the REF195
also needs to supply the current to the loads. The total current
required (with a 10 kΩ load on each output) is
712 μA + 4 (5 V/10 kΩ) = 2.70 mA
The load regulation of the REF195 is typically 2 ppm/mA, resulting
in an error of 5.4 ppm (27 μV) for the 2.7 mA current drawn from
it. This corresponds to a 0.0014 LSB error at eight bits and
0.022 LSB error at 12 bits.
Bipolar Operation Using the AD5304/AD5314/AD5324
The AD5304/AD5314/AD5324 have been designed for single
supply operation, but a bipolar output range is also possible
using the circuit in Figure 41. This circuit gives an output voltage
range of ±5 V. Rail-to-rail operation at the amplifier output is
achievable using an AD820 or an OP295 as the output amplifier.
AD5304
REFIN
GND
VOUTA
VOUTB
VOUTC
VOUTD
SERIAL
INTERFACE
DIN SCLK SYNC
VOUT
VIN
GND
REF195
1µF
0.1µF
10µF
+6V TO +16V
VDD
+5V
–5V
±5V
+5V
AD820/
OP295
R1 = 10kΩ
R2 = 10kΩ
Figure 41. Bipolar Operation with the AD5304
The output voltage for any input code can be calculated as follows:
)
1
/
2
(
)
(
)
2
/
(
R
R
REFIN
R1
R2
R1
D
REFIN
V
N
OUT
where:
D is the decimal equivalent of the code loaded to the DAC.
N is the DAC resolution.
REFIN is the reference voltage input:
REFIN = 5 V, R1 = R2 = 10 kΩ
VOUT = (10 × D/2N) − 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com