Electronic Components Datasheet Search
  English  ▼

X  

AC162066 Datasheet(PDF) 3 Page - Microchip Technology

Part # AC162066
Description  Header Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162066 Datasheet(HTML) 3 Page - Microchip Technology

  AC162066 Datasheet HTML 1Page - Microchip Technology AC162066 Datasheet HTML 2Page - Microchip Technology AC162066 Datasheet HTML 3Page - Microchip Technology AC162066 Datasheet HTML 4Page - Microchip Technology AC162066 Datasheet HTML 5Page - Microchip Technology AC162066 Datasheet HTML 6Page - Microchip Technology AC162066 Datasheet HTML 7Page - Microchip Technology AC162066 Datasheet HTML 8Page - Microchip Technology AC162066 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Header Specification
© 2005 Microchip Technology Inc.
DS51292L-page 3
HEADERS FOR ICE DEVICES
Devices that have built-in debug circuitry do not require a header to use MPLAB ICD 2.
However, some pins and memory must be used to support the ICD function. Special
ICE versions offering additional pins, memory and emulator functions can be used to
provide superior debugging capabilities.
Currently-available headers and their associated ICE devices/supported devices are
shown in Table 2.
INSTALLATION
The MPLAB ICD 2 header is installed by following these steps:
1.
Set up the header board.
2.
Connect the header and MPLAB ICD 2.
3.
Connect the header and the target board.
Set Up the Header Board
To set up a header board:
1.
If the ICD device is not soldered onto the header, plug the ICD device into the
socket on the top of the header.
2.
Set any jumpers or switches to determine device functionality/selection as
specified in the following sections.
8/14-PIN HEADERS
For some headers, device peripherals need to be selected by setting jumper J1 to the
appropriate position. This will have the effect of selecting the device.
TABLE 2:
HEADER TYPES – ICE DEVICES
Header
Part Number
ICE Device Used
Devices Supported
VDD
Max
64/80 Pin
AC162062
PIC18F87J10-ICE
PIC18F65J10/85J10
PIC18F65J15/85J15
PIC18F66J10/86J10
PIC18F66J15/86J15
PIC18F67J10/87J10
3.6
Device
Jumper Setting
Peripheral Function
PIC12F629
2-3
A/D Disabled
PIC12F675
1-2
A/D Enabled
PIC16F630
2-3
A/D Disabled
PIC16F676
1-2
A/D Enabled
PIC12F635
2-3
PORTC, Comparator 2 Disabled
PIC16F636
1-2
PORTC, Comparator 2 Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com