Electronic Components Datasheet Search
  English  ▼

X  

AC162066 Datasheet(PDF) 4 Page - Microchip Technology

Part # AC162066
Description  Header Specification
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC162066 Datasheet(HTML) 4 Page - Microchip Technology

  AC162066 Datasheet HTML 1Page - Microchip Technology AC162066 Datasheet HTML 2Page - Microchip Technology AC162066 Datasheet HTML 3Page - Microchip Technology AC162066 Datasheet HTML 4Page - Microchip Technology AC162066 Datasheet HTML 5Page - Microchip Technology AC162066 Datasheet HTML 6Page - Microchip Technology AC162066 Datasheet HTML 7Page - Microchip Technology AC162066 Datasheet HTML 8Page - Microchip Technology AC162066 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MPLAB® ICD 2
DS51292L-page 4
© 2005 Microchip Technology Inc.
18-PIN HEADERS
For these headers, there are no jumpers/switches. The device with the most program
memory is always selected.
If PIC16F627A or PIC16F628A devices are selected for MPLAB ICD 2 development in
MPLAB IDE, the warning “ICDWarn0020: Invalid target device id” may be received in
the build window and as a dialog. The reason is the PIC16F648A-ICD device supports
PIC16F648A, PIC16F627A and PIC16F628A, but only reports the device ID for the
PIC16F648A.
Ignore this warning or disable it under the Warnings tab on the ICD Programming
dialog.
20-PIN HEADER – PIC16F639
For the PIC16F639 20-pin header, you will need to connect the jumper J3 as specified
below.
In addition to being used with MPLAB ICD 2, this header is used with the PCM16YM0
processor module to emulate a PIC16F639 on the MPLAB ICE 2000 in-circuit emulator.
Plug the end of the processor module into the header, and then plug the header into
the transition socket or directly onto the target board.
20-PIN HEADER – PIC16F785
For the PIC16F785 20-pin header, you will need to connect the jumper J2 to enable the
shunt regulator.
20-PIN HEADER – PIC16F690
For the PIC16F690 20-pin header, you will need to set the S1 switches (Figure 2) to
enable peripherals and choose devices (Table 3).
FIGURE 2:
S1 SWITCH HARDWARE
Tool
Jumper Setting
Function
MPLAB® ICE 2000
1-2
Run/program as regular device
MPLAB ICD 2
2-3
Run/program as ICD device
Device
Jumper Setting
Function
PIC16F785
1-2
Disable shunt regulator
PIC16HV785
2-3
Enable shunt regulator
ADC
4kPFM
ECCP
SSP
USART
Switch configuration at left shows all
peripherals enabled, which is the setting to
select the PIC16F690 device.
ENABLE
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com