Electronic Components Datasheet Search
  English  ▼

X  

87C196JT Datasheet(PDF) 13 Page - Intel Corporation

Part # 87C196JT
Description  16-Bit CHMOS Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196JT Datasheet(HTML) 13 Page - Intel Corporation

Back Button 87C196JT Datasheet HTML 9Page - Intel Corporation 87C196JT Datasheet HTML 10Page - Intel Corporation 87C196JT Datasheet HTML 11Page - Intel Corporation 87C196JT Datasheet HTML 12Page - Intel Corporation 87C196JT Datasheet HTML 13Page - Intel Corporation 87C196JT Datasheet HTML 14Page - Intel Corporation 87C196JT Datasheet HTML 15Page - Intel Corporation 87C196JT Datasheet HTML 16Page - Intel Corporation 87C196JT Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
Automotive —
87C196KR, JV, JT, JR, CA Microcontrollers
Datasheet
13
P5.5/BHE#/WRH#
Byte High Enable or Write High output, as selected by the CCR. BHE# = 0 selects
the bank of memory that is connected to the high byte of the data bus. A0 = 0
selects that bank of memory that is connected to the low byte. Thus accesses to a
16-bit wide memory can be to the low byte only (A0 = 0, BHE# =1), to the high byte
only (A0 = 1, BHE# = 0) or both bytes (A0 = 0, BHE# = 0). If the WRH# function is
selected, the pin will go low if the bus cycle is writing to an odd memory location.
BHE#/WRH# is only valid during 16-bit external memory write cycles. Also an
LSIO pin when not BHE#/WRH#.
P5.6/READY
Ready input to lengthen external memory cycles, for interfacing with slow or
dynamic memory, or for bus sharing. If the pin is high, CPU operation continues in
a normal manner. If the pin is low prior to the falling edge of CLKOUT, the memory
controller goes into a wait state mode until the next positive transition in CLKOUT
occurs with READY high. When external memory is not used, READY has no
effect. The max number of wait states inserted into the bus cycle is controlled by
the CCR/CCR1. Also an LSIO pin when READY is not selected.
P5.4/SLPINT
Dual functional I/O pin. As a bidirectional port pin (LSIO) or as a system function.
The system function is a Slave Port Interrupt Output Pin.
P6.2/T1CLK
Dual function I/O pin. Primary function is that of a bidirectional I/O pin (LSIO);
however it may also be used as a TIMER1 Clock input. The TIMER1 will increment
or decrement on both positive and negative edges of this pin.
P6.3/T1DIR
Dual function I/O pin. Primary function is that of a bidirectional I/O pin (LSIO);
however it may also be used as a TIMER1 Direction input. The TIMER1 will
increment when this pin is high and decrements when this pin is low.
PORT1/EPA0–7
P6.0–6.1/EPA8–9
Dual function I/O port pins. Primary function is that of bidirectional I/O (LSIO).
System function is that of High Speed capture and compare. EPA0 and EPA2
have yet another function of T2CLK and T2DIR of the TIMER2 timer/counter.
PORT 0/ACH0–7
8-bit high impedance input-only port. These pins can be used as digital inputs and/
or as analog inputs to the on-chip A/D converter. These pins are also used as
inputs to EPROM parts to select the Programming Mode.
P6.4–6.7/SSIO
Dual function I/O ports that have a system function as Synchronous Serial I/O.
Two pins are clocks and two pins are data, providing full duplex capability.
PORT 2
8-bit multi-functional port. All of its pins are shared with other functions.
PORT 3 and 4
8-bit bidirectional I/O ports with open drain outputs. These pins are shared with the
multiplexed address/data bus which has strong internal pullups.
TXCAN
Push-pull output to the CAN bus line.
RXCAN
High-impedance input-only from the CAN bus line.
Table 2.
Pin Descriptions (Sheet 2 of 2)
Symbol
Name and Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com