Electronic Components Datasheet Search
  English  ▼

X  

87C196JT Datasheet(PDF) 21 Page - Intel Corporation

Part # 87C196JT
Description  16-Bit CHMOS Microcontrollers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

87C196JT Datasheet(HTML) 21 Page - Intel Corporation

Back Button 87C196JT Datasheet HTML 17Page - Intel Corporation 87C196JT Datasheet HTML 18Page - Intel Corporation 87C196JT Datasheet HTML 19Page - Intel Corporation 87C196JT Datasheet HTML 20Page - Intel Corporation 87C196JT Datasheet HTML 21Page - Intel Corporation 87C196JT Datasheet HTML 22Page - Intel Corporation 87C196JT Datasheet HTML 23Page - Intel Corporation 87C196JT Datasheet HTML 24Page - Intel Corporation 87C196JT Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
Automotive —
87C196KR, JV, JT, JR, CA Microcontrollers
Datasheet
21
Figure 10. READY/Buswidth Timing
Table 7.
External Clock Drive
Symbol
Parameter
Min
Max
Units
1/TXLXL
Oscillator Frequency
4
16
MHz
TXLXL
Oscillator Period (TOSC)
62.5
250
ns
TXHXX
High Time
0.35 TOSC
0.65 TOSC
ns
TXLXX
Low Time
0.35 TOSC
0.65 TOSC
ns
TXLXH
Rise Time
10
ns
TXHXL
Fall Time
10
ns
Figure 11. External Clock Drive Waveforms
A4650-01
XTAL1
CLKOUT
ALE
RD#
READY
TOSC
TXHCH
TCHCL
TCLCL
TCLLH
TLLYX
TAVYV
TAVGV
TLLYV
TLLGV
TCLYX
TCLGX
BUSWIDTH
BUS
Address Out
Data
A5842-01
TXLXX
TXHXX
TXHXL
T
XLXL
0.3 VCC – 0.5 V
0.7 VCC + 0.5 V
TXLXH
0.7 VCC + 0.5 V
0.3 VCC – 0.5 V
0.7 VCC + 0.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com