Electronic Components Datasheet Search
  English  ▼

X  

SIP32452 Datasheet(PDF) 3 Page - Vishay Telefunken

Part # SIP32452
Description  0.9 V to 2.5 V, 55 m Load Switch in WCSP4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIP32452 Datasheet(HTML) 3 Page - Vishay Telefunken

  SIP32452 Datasheet HTML 1Page - Vishay Telefunken SIP32452 Datasheet HTML 2Page - Vishay Telefunken SIP32452 Datasheet HTML 3Page - Vishay Telefunken SIP32452 Datasheet HTML 4Page - Vishay Telefunken SIP32452 Datasheet HTML 5Page - Vishay Telefunken SIP32452 Datasheet HTML 6Page - Vishay Telefunken SIP32452 Datasheet HTML 7Page - Vishay Telefunken SIP32452 Datasheet HTML 8Page - Vishay Telefunken SIP32452 Datasheet HTML 9Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Document Number: 63315
S12-2345-Rev. D, 8-Oct-12
www.vishay.com
3
Vishay Siliconix
SiP32451, SiP32452, SiP32453
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
Notes:
a. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum.
b. Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c. For VIN outside this range consult typical EN threshold curve.
SPECIFICATIONS
Parameter
Symbol
Test Conditions Unless Specified
VIN = 1 V, TA = - 40 °C to 85 °C
(Typical values are at TA = 25 °C)
Limits
Unit
Min.a
Typ.b
Max.a
Operating Voltagec
VIN
0.9
-
2.5
V
Quiescent Current
IQ
VIN = 1.2 V, VEN = VIN, OUT = open
-10
15
µA
VIN = 2.5 V, VEN = VIN, OUT = open
-34
60
Off Supply Current
IQ(off)
SiP32451
EN = GND, OUT = open
--
30
SiP32452, SiP32453
-
-
1
Off Switch Current
IDS(off)
EN = GND, OUT = 0 V
-
-
30
Reverse Blocking Current
IRB
VOUT = 2.5 V, VIN = 0.9 V, VEN = 0 V
-
0.001
10
On-Resistance
RDS(on)
VIN = 1 V, IL = 200 mA, TA = 25 °C
-56
65
m
VIN = 1.2 V, IL = 200 mA, TA = 25 °C
-55
65
VIN = 1.8 V, IL = 200 mA, TA = 25 °C
-54
65
VIN = 2.5 V, IL = 200 mA, TA = 25 °C
-54
65
On-Resistance Temp.-Coefficient
TCRDS
-
3900
-
ppm/°C
Output Pulldown Resistance
RPD
VEN = 0 V, TA = 25 °C (SiP32451 only)
-
425
550
EN Input Low Voltagec
VIL
VIN = 1 V
--
0.1
V
EN Input High Voltagec
VIH
VIN = 2.5 V
1.5
-
-
EN Input Leakage
IEN
VIN = 2.5 V, VEN = 0 V
--
1
µA
VIN = 2.5 V, VEN = 2.5 V
-10
15
Output Turn-On Delay Time
td(on)
VIN = 1.2 V
RLOAD = 10 ,
CL = 0.1 µF
TA = 25 °C
-0.4
1
µs
VIN = 2.5 V
-0.05
1
Output Turn-On Rise Time
tr
VIN = 1.2 V
10
20
30
VIN = 2.5 V
59.8
20
Output Turn-Off Delay Time
td(off)
SiP32451, SiP32452
VIN = 1.2 V
-0.25
1
SiP32451, SiP32452
VIN = 2.5 V
-0.15
1
SiP32453, VIN = 1.2 V
30
98
150
SiP32453, VIN = 2.5 V
30
86
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com