Electronic Components Datasheet Search
  English  ▼

X  

SIP32452 Datasheet(PDF) 6 Page - Vishay Telefunken

Part # SIP32452
Description  0.9 V to 2.5 V, 55 m Load Switch in WCSP4
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TFUNK [Vishay Telefunken]
Direct Link  http://www.vishay.com
Logo TFUNK - Vishay Telefunken

SIP32452 Datasheet(HTML) 6 Page - Vishay Telefunken

Back Button SIP32452 Datasheet HTML 2Page - Vishay Telefunken SIP32452 Datasheet HTML 3Page - Vishay Telefunken SIP32452 Datasheet HTML 4Page - Vishay Telefunken SIP32452 Datasheet HTML 5Page - Vishay Telefunken SIP32452 Datasheet HTML 6Page - Vishay Telefunken SIP32452 Datasheet HTML 7Page - Vishay Telefunken SIP32452 Datasheet HTML 8Page - Vishay Telefunken SIP32452 Datasheet HTML 9Page - Vishay Telefunken SIP32452 Datasheet HTML 10Page - Vishay Telefunken Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.vishay.com
6
Document Number: 63315
S12-2345-Rev. D, 8-Oct-12
Vishay Siliconix
SiP32451, SiP32452, SiP32453
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
TYPICAL CHARACTERISTICS (internally regulated, 25 °C, unless otherwise noted)
Figure 13 - IEN vs. VEN
Figure 14 - Reverse Blocking Current vs. Temperature
Figure 15 - Output Pulldown Resistance vs. Input Voltage
V
EN (V)
0
2
4
6
8
10
12
0
0.5
1
1.5
2
2.5
V
IN = 2.5 V
0
20
40
60
80
100
- 40
- 20
0
20
40
60
80
100
Temperature (°C)
V
OUT = 2.5 V
V
IN = 0.9 V
410
415
420
425
430
435
440
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
V
IN (V)
SiP32451 only
V
OUT = VIN
Figure 16 - Reverse Blocking Current vs. Output Voltage
Figure 17 - EN Threshold Voltage vs. Input Voltage
Figure 18 - Output Pulldown Resistance vs. Temperature
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
V
OUT
(V)
V
IN = 0.9 V
V
IN (V)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
V
IH
V
IL
400
410
420
430
440
450
460
- 40
- 20
0
20
40
60
80
100
Temperature (
°C)
SiP32451 only
V
OUT = VIN = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com