Electronic Components Datasheet Search
  English  ▼

X  

08055C101BAT2A Datasheet(PDF) 21 Page - AVX Corporation

Part # 08055C101BAT2A
Description  Ceramic Chip Capacitors
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055C101BAT2A Datasheet(HTML) 21 Page - AVX Corporation

Back Button 08055C101BAT2A Datasheet HTML 17Page - AVX Corporation 08055C101BAT2A Datasheet HTML 18Page - AVX Corporation 08055C101BAT2A Datasheet HTML 19Page - AVX Corporation 08055C101BAT2A Datasheet HTML 20Page - AVX Corporation 08055C101BAT2A Datasheet HTML 21Page - AVX Corporation 08055C101BAT2A Datasheet HTML 22Page - AVX Corporation 08055C101BAT2A Datasheet HTML 23Page - AVX Corporation 08055C101BAT2A Datasheet HTML 24Page - AVX Corporation 08055C101BAT2A Datasheet HTML 25Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 99 page
background image
20
X7S formulations are called “temperature stable” ceramics and fall
into EIA Class II materials. Its temperature variation of capacitance
is within ±22% from –55°C to +125°C. This capacitance change is
non-linear.
Capacitance for X7S varies under the influence of electrical operating
conditions such as voltage and frequency.
X7S dielectric chip usage covers the broad spectrum of industrial
applications where known changes in capacitance due to applied
voltages are acceptable.
X7S Dielectric
General Specifications
PART NUMBER (see page 2 for complete part number explanation)
GENERAL DESCRIPTION
TYPICAL ELECTRICAL CHARACTERISTICS
1206
Size
(L" x W")
Z
Voltage
4 = 4V
6 = 6.3V
Z = 10V
Y = 16V
3 = 25V
5 = 50V
1 = 100V
2 = 200V
Z
Dielectric
Z = X7S
105
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
M
Capacitance
Tolerance
K = ±10%
M = ±20%
A
Failure
Rate
A = N/A
T
Terminations
T = Plated Ni
and Sn
2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
A
Special
Code
A = Std.
Product
+10
+20
+30
0
-10
-20
-30
1KHz
10 KHz
100 KHz
1 MHz
10 MHz
Frequency
Capacitance vs. Frequency
1,000
10,000
100
0
0
20
120
40
60
80
Temperature
°C
Insulation Resistance vs Temperature
100
10
100
1000
Frequency, MHz
Variation of Impedance with Cap Value
Impedance vs. Frequency
1,000 pF vs. 10,000 pF - X7S
0805
0.10
0.01
1.00
1,000 pF
10,000 pF
10.00
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
100,000 pF - X7S
0.1
.01
1.0
1206
0805
10
1210
110
100
1,000
Frequency, MHz
Variation of Impedance with Chip Size
Impedance vs. Frequency
10,000 pF - X7S
0.1
.01
1.0
1206
0805
10
1210
10
5
0
-5
-10
-15
-20
-25
-60 -40 -20
0
20 40
Temperature (
°C)
60 80 100 120 140
X7S Dielectric
Typical Temperature Coefficient
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com