Electronic Components Datasheet Search
  English  ▼

X  

08055C101BAT2A Datasheet(PDF) 30 Page - AVX Corporation

Part # 08055C101BAT2A
Description  Ceramic Chip Capacitors
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

08055C101BAT2A Datasheet(HTML) 30 Page - AVX Corporation

Back Button 08055C101BAT2A Datasheet HTML 26Page - AVX Corporation 08055C101BAT2A Datasheet HTML 27Page - AVX Corporation 08055C101BAT2A Datasheet HTML 28Page - AVX Corporation 08055C101BAT2A Datasheet HTML 29Page - AVX Corporation 08055C101BAT2A Datasheet HTML 30Page - AVX Corporation 08055C101BAT2A Datasheet HTML 31Page - AVX Corporation 08055C101BAT2A Datasheet HTML 32Page - AVX Corporation 08055C101BAT2A Datasheet HTML 33Page - AVX Corporation 08055C101BAT2A Datasheet HTML 34Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 99 page
background image
29
MLCC Tin/Lead Termination “B”
General Specifications
AVX Corporation will support those customers for
commercial and military Multilayer Ceramic Capacitors with
a termination consisting of 5% minimum lead. This
termination is indicated by the use of a “B” in the 12th
position of the AVX Catalog Part Number. This fulfills AVX’s
commitment to providing a full range of products to our
customers. AVX has provided in the following pages a full
range of values that we are currently offering in this special
“B” termination. Please contact the factory if you require
additional information on our MLCC Tin/Lead Termination
“B” products.
NP0
Refer to page 4 for Electrical Graphs
X7R
Refer to page 16 for Electrical Graphs
X7S
Refer to page 20 for Electrical Graphs
X5R
Refer to page 23 for Electrical Graphs
Y5V
Refer to page 26 for Electrical Graphs
LD05
Size
LD02 - 0402
LD03 - 0603
LD04 - 0504*
LD05 - 0805
LD06 - 1206
LD10 - 1210
LD12 - 1812
LD13 - 1825
LD14 - 2225
LD20 - 2220
5
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
35V = D
50V = 5
100V = 1
200V = 2
500V = 7
A
Dielectric
C0G (NP0) = A
X7R = C
X5R = D
X8R = F
101
Capacitance
Code (In pF)
2 Sig. Digits +
Number of
Zeros
J
Capacitance
Tolerance
B = ±.10 pF (<10pF)
C = ±.25 pF (<10pF)
D = ±.50 pF (<10pF)
F = ±1% (
≥ 10 pF)
G = ±2% (
≥ 10 pF)
J= ±5%
K = ±10%
M = ±20%
A
Failure
Rate
A = Not
Applicable
B2
Packaging
2 = 7" Reel
4 = 13" Reel
7 = Bulk Cass.
9 = Bulk
Contact
Factory
For
Multiples
A
Special
Code
A = Std.
Product
PART NUMBER (see page 2 for complete part number explanation)
*LD04 has the same CV ranges as LD03.
NOTE: Contact factory for availability of Tolerance Options for Specific Part Numbers.
Contact factory for non-specified capacitance values.
See FLEXITERM® section
for CV options
Terminations
B = 5% min lead
X = FLEXITERM®
with 5% min
lead**
**X7R only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com