Electronic Components Datasheet Search
  English  ▼

X  

2N5686 Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5686
Description  High-Current Complementary Silicon Power Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5686 Datasheet(HTML) 4 Page - ON Semiconductor

  2N5686 Datasheet HTML 1Page - ON Semiconductor 2N5686 Datasheet HTML 2Page - ON Semiconductor 2N5686 Datasheet HTML 3Page - ON Semiconductor 2N5686 Datasheet HTML 4Page - ON Semiconductor 2N5686 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2N5684 (PNP), 2N5686 (NPN)
http://onsemi.com
4
500
0.5
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
5.0
0.7 1.0
2.0
5.0 7.0
10
20
50
70
30
20
10
100
50
TJ = +150°C
+25
°C
-55
°C
7.0
200
300
VCE = 2.0 V
VCE = 10 V
3.0
30
PNP
2N5684
IC, COLLECTOR CURRENT (AMP)
TJ = +150°C
+25
°C
-55
°C
VCE = 2.0 V
VCE = 10 V
NPN
2N5686
Figure 9. Collector Saturation Region
2.0
0.1
IB, BASE CURRENT (AMP)
0
0.2
1.0
2.0
5.0
10
0.8
0.4
IC = 10 A
TJ = 25°C
25 A
1.2
1.6
0.5
3.0
40 A
0.1
IB, BASE CURRENT (AMP)
0.2
1.0
2.0
5.0
10
IC = 10 A
TJ = 25°C
25 A
0.5
3.0
40 A
0.3
2.5
0.5
IC, COLLECTOR CURRENT (AMP)
0.7
1.0
2.0
3.0
5.0
10
20
50
2.0
1.5
1.0
0.5
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
Figure 10. “On” Voltages
30
VBE @ VCE = 2.0 V
7.0
2.0
0.5
IC, COLLECTOR CURRENT (AMP)
0.7
1.0
2.0
3.0
5.0
10
20
50
1.6
1.2
0.8
0.4
0
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
30
VBE @ VCE = 2.0 V
500
0.5
5.0
0.7 1.0
2.0
5.0 7.0
10
20
50
70
30
20
10
100
50
7.0
200
300
3.0
30
2.0
0
0.8
0.4
1.2
1.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com