Electronic Components Datasheet Search
  English  ▼

X  

LD29150PTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # LD29150PTR
Description  1.5 A, very low drop voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150PTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LD29150PTR Datasheet HTML 2Page - STMicroelectronics LD29150PTR Datasheet HTML 3Page - STMicroelectronics LD29150PTR Datasheet HTML 4Page - STMicroelectronics LD29150PTR Datasheet HTML 5Page - STMicroelectronics LD29150PTR Datasheet HTML 6Page - STMicroelectronics LD29150PTR Datasheet HTML 7Page - STMicroelectronics LD29150PTR Datasheet HTML 8Page - STMicroelectronics LD29150PTR Datasheet HTML 9Page - STMicroelectronics LD29150PTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
Maximum ratings
LD29150xx
6/22
Doc ID 9614 Rev 18
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these conditions is not implied.
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
30 (1)
1.
Above 14 V the device is automatically in shut-down.
V
VO
DC output voltage
-0.3 to 20
V
VINH
Inhibit input voltage
-0.3 to 20
V
IO
Output current
Internally limited
mA
PD
Power dissipation
Internally limited
mW
TSTG
Storage temperature range
-55 to 150
°C
TOP
Operating junction temperature range
-40 to 125
°C
Table 3.
Thermal data
Symbol
Parameter
DPAK
PPAK
P²PAK
Unit
RthJA
Thermal resistance junction-ambient
100
100
60
°C/W
RthJC
Thermal resistance junction-case
8
8
3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com