Electronic Components Datasheet Search
  English  ▼

X  

LD29150PTR Datasheet(PDF) 14 Page - STMicroelectronics

Part # LD29150PTR
Description  1.5 A, very low drop voltage regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150PTR Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LD29150PTR Datasheet HTML 10Page - STMicroelectronics LD29150PTR Datasheet HTML 11Page - STMicroelectronics LD29150PTR Datasheet HTML 12Page - STMicroelectronics LD29150PTR Datasheet HTML 13Page - STMicroelectronics LD29150PTR Datasheet HTML 14Page - STMicroelectronics LD29150PTR Datasheet HTML 15Page - STMicroelectronics LD29150PTR Datasheet HTML 16Page - STMicroelectronics LD29150PTR Datasheet HTML 17Page - STMicroelectronics LD29150PTR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Typical characteristics
LD29150xx
14/22
Doc ID 9614 Rev 18
Figure 17.
Output voltage vs. input voltage
Figure 18.
Stability vs. CO
Figure 19.
Line transient
Figure 20.
Load transient
VI=3.5 to 5.5V, IO=10mA, VO=2.5V, CO=10µF
VI=5V, IO=10mA to 1.5A, VO=2.5V, CO=10µF
Figure 21.
Start-up time 10 mA
Figure 22.
Start-up time 1.5 A
CO=10µF, IO=10mA, VINH=2V, VO=5V, VI=7V
CO=10µF, IO=1.5A, VINH=2V, VO=5V, VI=7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com