Electronic Components Datasheet Search
  English  ▼

X  

AD8671 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8671
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 4 Page - Analog Devices

  AD8671 Datasheet HTML 1Page - Analog Devices AD8671 Datasheet HTML 2Page - Analog Devices AD8671 Datasheet HTML 3Page - Analog Devices AD8671 Datasheet HTML 4Page - Analog Devices AD8671 Datasheet HTML 5Page - Analog Devices AD8671 Datasheet HTML 6Page - Analog Devices AD8671 Datasheet HTML 7Page - Analog Devices AD8671 Datasheet HTML 8Page - Analog Devices AD8671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADA4075-2
Data Sheet
Rev. B | Page 4 of 24
VSY = ±15 V, VCM = 0 V, TA = 25°C, LFCSP package, unless otherwise noted.
Table 3.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage
VOS
0.3
1
mV
−40°C ≤ TA ≤ +125°C
1.5
mV
Input Bias Current
IB
30
100
nA
−40°C ≤ TA ≤ +125°C
150
nA
Input Offset Current
IOS
5
50
nA
−40°C ≤ TA ≤ +125°C
75
nA
Input Voltage Range
−40°C ≤ TA ≤ +125°C
−12.5
+12.5
V
Common-Mode Rejection Ratio
CMRR
VCM = −12.5 V to +12.5 V
110
116
dB
−40°C ≤ TA ≤ +125°C
106
dB
Large Signal Voltage Gain
AVO
RL = 2 kΩ, VO = −11 V to +11 V
110
117
dB
−40°C ≤ TA ≤ +125°C
102
dB
RL = 600 Ω, VO = −10 V to +10 V
108
117
dB
−40°C ≤ TA ≤ +125°C
100
dB
Offset Voltage Drift
∆VOS/∆T
−40°C ≤ TA ≤ +125°C
3
μV/°C
Input Resistance, Differential Mode
RINDM
1.5
MΩ
Input Resistance, Common Mode
RINCM
500
MΩ
Input Capacitance, Differential Mode
CINDM
2.4
pF
Input Capacitance, Common Mode
CINCM
2.1
pF
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 2 kΩ to GND
12.8
13
V
−40°C ≤ TA ≤ +125°C
12.5
V
RL = 600 Ω to GND
12.4
12.8
V
−40°C ≤ TA ≤ +125°C
12
V
VSY = ±18 V, RL = 600 Ω to GND
15
15.8
V
−40°C ≤ TA ≤ +125°C
14
V
Output Voltage Low
VOL
RL = 2 kΩ to GND
−14
−13.6
V
−40°C ≤ TA ≤ +125°C
−13
V
RL = 600 Ω to GND
−13.6
−13
V
−40°C ≤ TA ≤ +125°C
−12.5
V
VSY = ±18 V, RL = 600 Ω to GND
−16.6
−16
V
−40°C ≤ TA ≤ +125°C
−15
V
Short-Circuit Current
ISC
40
mA
Closed-Loop Output Impedance
ZOUT
f = 1 kHz, AV = 1
0.1
Ω
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VSY = ±4.5 V to ±18 V
100
104
dB
−40°C ≤ TA ≤ +125°C
95
dB
Supply Current per Amplifier
ISY
VSY = ±4.5 V to ±18 V, IO = 0 mA
1.8
2.25
mA
−40°C ≤ TA ≤ +125°C
3.35
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 kΩ, AV = 1
12
V/μs
Settling Time
tS
To 0.01%, VIN = 10 V step, RL = 1 kΩ
3
μs
Gain Bandwidth Product
GBP
RL = 1 MΩ, CL = 35 pF, AV = 1
6.5
MHz
Phase Margin
ΦM
RL = 1 MΩ, CL = 35 pF, AV = 1
60
Degrees
THD + NOISE
Total Harmonic Distortion and Noise
THD + N
RL = 2 kΩ, AV = 1, VIN = 3 V rms, f = 1 kHz
0.0002
%
NOISE PERFORMANCE
Voltage Noise
en p-p
f = 0.1 Hz to 10 Hz
60
nV p-p
Voltage Noise Density
en
f = 1 kHz
2.8
nV/√Hz
Current Noise Density
in
f = 1 kHz
1.2
pA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com