Electronic Components Datasheet Search
  English  ▼

X  

AD8671 Datasheet(PDF) 19 Page - Analog Devices

Part # AD8671
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8671 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD8671 Datasheet HTML 15Page - Analog Devices AD8671 Datasheet HTML 16Page - Analog Devices AD8671 Datasheet HTML 17Page - Analog Devices AD8671 Datasheet HTML 18Page - Analog Devices AD8671 Datasheet HTML 19Page - Analog Devices AD8671 Datasheet HTML 20Page - Analog Devices AD8671 Datasheet HTML 21Page - Analog Devices AD8671 Datasheet HTML 22Page - Analog Devices AD8671 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 19 of 24
BALANCED LINE RECEIVER
Figure 68 depicts a unity-gain balanced line receiver capable of
a high degree of hum rejection. The CMRR is approximately
given by
R3
R2
R4
R1
10
log
20
Therefore, R1 to R4 should be close tolerance components to
obtain the best possible CMRR without adjustment. The presence
of A2 ensures that the impedances are symmetric at the two inputs
(unlike many other designs), and, as a bonus, A2 also provides
a complementary output. A3 raises the common-mode input
impedance from approximately 7.5 kΩ to approximately 70 kΩ,
reducing the degradation of CMRR due to mismatches in source
impedance.
Note that A3 is not in the signal path, and almost any op amp
works well here. Although it may seem as though the inverting
output should be noisier than the noninverting one, they are in
fact symmetric at about −111 dBV (20 kHz bandwidth).
Sometimes an overall gain of ½ is desired to provide an extra
6 dB of differential input headroom. This can be attained by
reducing R3 and R4 to 5 kΩ and increasing R9 to 22 kΩ.
R5
5kΩ
OUT–
OUT+
IN–
*A3 REDUCES THE DEGRADATION OF CMRR
(SEE THE BALANCED LINE RECEIVER SECTION FOR MORE DETAILS).
C1
22µF
(NON-POLAR)
IN+
R4
10kΩ
1/2
ADA4075-2
R3
10kΩ
R6
5kΩ
R1
5kΩ
R2
5kΩ
C2
50pF
R9
11kΩ
A3*
R8
5.6kΩ
R7
5.6kΩ
1/2
A1
A2
ADA4075-2
C3
50pF
R10
11kΩ
Figure 68. Balanced Line Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com