Electronic Components Datasheet Search
  English  ▼

X  

OP162 Datasheet(PDF) 1 Page - Analog Devices

Part # OP162
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 1 Page - Analog Devices

  OP162 Datasheet HTML 1Page - Analog Devices OP162 Datasheet HTML 2Page - Analog Devices OP162 Datasheet HTML 3Page - Analog Devices OP162 Datasheet HTML 4Page - Analog Devices OP162 Datasheet HTML 5Page - Analog Devices OP162 Datasheet HTML 6Page - Analog Devices OP162 Datasheet HTML 7Page - Analog Devices OP162 Datasheet HTML 8Page - Analog Devices OP162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Ultralow Noise Amplifier at Lower Power
Data Sheet
ADA4075-2
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Ultralow noise: 2.8 nV/√Hz at 1 kHz typical
Ultralow distortion: 0.0002% typical
Low supply current: 1.8 mA per amplifier typical
Offset voltage: 1 mV maximum
Bandwidth: 6.5 MHz typical
Slew rate: 12 V/μs typical
Dual-supply operation: ±4.5 V to ±18 V
Unity-gain stable
Extended industrial temperature range
8-lead SOIC and 2 mm × 2 mm LFCSP packages
APPLICATIONS
Precision instrumentation
Professional audio
Active filters
Low noise amplifier front end
Integrators
PIN CONFIGURATIONS
OUTA 1
–INA 2
+INA 3
V– 4
V+
8
OUTB
7
–INB
6
+INB
5
ADA4075-2
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead SOIC
TOP VIEW
(Not to Scale)
ADA4075-2
3
+INA
4
V–
1
OUTA
2
–INA
6–INB
5+INB
8V+
7OUTB
Figure 2. 8-Lead, 2 mm × 2 mm LFCSP
GENERAL DESCRIPTION
The ADA4075-2 is a dual, high performance, low noise operational
amplifier combining excellent dc and ac characteristics on the
Analog Devices, Inc., iPolar® process. The iPolar process is an
advanced bipolar technology implementing vertical junction
isolation with lateral trench isolation. This allows for low noise
performance amplifiers in smaller die size at faster speed and
lower power. Its high slew rate, low distortion, and ultralow
noise make the ADA4075-2 ideal for high fidelity audio and
high performance instrumentation applications. It is also
especially useful for lower power demands, small enclosures,
and high density applications. The ADA4075-2 is specified for
the −40°C to +125°C temperature range and is available in a
standard SOIC package and a 2 mm × 2 mm LFCSP package.
Table 1. Low Noise Precision Op Amps
Supply
44 V
36 V
12 V to 16 V
5 V
Single
OP27
AD8671
AD8665
AD8605
AD8675
OP162
AD8655
AD8597
AD8691
ADA4004-1
AD797
Dual
OP275
AD8672
AD8666
AD8606
AD8676
OP262
AD8656
AD8599
AD8692
ADA4004-2
Quad
AD8674
AD8668
AD8608
ADA4004-4
OP462
AD8694


Similar Part No. - OP162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP162 AD-OP162 Datasheet
1Mb / 16P
15 MHz Rail-to-Rail Operational Amplifiers
10/02-Data Sheet changed from REV. C to REV. D.
OP162 AD-OP162 Datasheet
955Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. F
OP162 AD-OP162 Datasheet
908Kb / 88P
MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
logo
List of Unclassifed Man...
OP162 ETC-OP162 Datasheet
3Mb / 32P
TORQUE PRODUCTS
logo
Analog Devices
OP162 AD-OP162 Datasheet
470Kb / 20P
15 MHz Rail-to-Rail Operational Amplifiers
Rev. H
More results

Similar Description - OP162

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD604 AD-AD604 Datasheet
497Kb / 20P
Dual, Ultralow Noise Variable Gain Amplifier
AD604 AD-AD604_08 Datasheet
892Kb / 32P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. D
ADA4075-2 AD-ADA4075-2 Datasheet
865Kb / 24P
Ultralow Noise Amplifier at Lower Power
REV. 0
ADMP521 AD-ADMP521 Datasheet
263Kb / 16P
Ultralow Noise Microphone
REV. A
logo
Texas Instruments
OPA857 TI1-OPA857 Datasheet
1Mb / 29P
Ultralow-Noise, Wideband, Selectable Feedback Resistance Transimpedance Amplifier
logo
Analog Devices
AD604 AD-AD604_15 Datasheet
930Kb / 33P
Dual, Ultralow Noise Variable Gain Amplifier
Rev. G
logo
Texas Instruments
OPA857-DIE TI1-OPA857-DIE Datasheet
94Kb / 6P
Ultralow-Noise, Wideband, Selectable-Feedback Resistance Transimpedance Amplifier
TPS79015 TI1-TPS79015_08 Datasheet
485Kb / 20P
ULTRALOW-POWER LOW-NOISE 50-mA ULTRALOW-POWER LOW-NOISE 50-mA
logo
Analog Devices
ADPD2210 AD-ADPD2210 Datasheet
448Kb / 16P
Ultralow noise, low power current amplifier
REV. A
ADA4075-2 AD-ADA4075-2_16 Datasheet
1Mb / 25P
Ultralow Noise Amplifier at Lower Power
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com