Electronic Components Datasheet Search
  English  ▼

X  

OP162 Datasheet(PDF) 15 Page - Analog Devices

Part # OP162
Description  Ultralow Noise Amplifier at Lower Power
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP162 Datasheet(HTML) 15 Page - Analog Devices

Back Button OP162 Datasheet HTML 11Page - Analog Devices OP162 Datasheet HTML 12Page - Analog Devices OP162 Datasheet HTML 13Page - Analog Devices OP162 Datasheet HTML 14Page - Analog Devices OP162 Datasheet HTML 15Page - Analog Devices OP162 Datasheet HTML 16Page - Analog Devices OP162 Datasheet HTML 17Page - Analog Devices OP162 Datasheet HTML 18Page - Analog Devices OP162 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Data Sheet
ADA4075-2
Rev. B | Page 15 of 24
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±15V
VIN = 10V p-p
RL = 2kΩ
RL
100kΩ
1kΩ
Figure 57. Channel Separation vs. Frequency
VSY = ±18V
f = 1kHz
600Ω
2kΩ
0.00001
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
AMPLITUDE (V rms)
Figure 58. THD + Noise vs. Amplitude
0
0.5
1.0
1.5
2.0
2.5
–50
–25
0
25
50
75
100
125
TEMPERATURE (°C)
V+ – VOH
VOL – V–
VSY = ±18V
RL = 2kΩ
Figure 59. Output Voltage to Supply Rail vs. Temperature
–140
–120
–100
–80
–60
–40
–20
0
100
1k
10k
100k
FREQUENCY (Hz)
VSY = ±5V
VIN = 5V p-p
RL = 2kΩ
RL
100kΩ
1kΩ
Figure 60. Channel Separation vs. Frequency
10
100
1k
10k
100k
VSY = ±18V
VIN = 8V rms
600Ω
2kΩ
0.00001
0.0001
0.001
0.01
0.1
1
FREQUENCY (Hz)
Figure 61. THD + Noise vs. Frequency
0.1
1
10
0.001
0.01
0.1
1
10
100
LOAD CURRENT (mA)
VSY = ±18V
V+ – VOH
VOL – V–
Figure 62. Output Voltage to Supply Rail vs. Load Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com