Electronic Components Datasheet Search
  English  ▼

X  

OP296 Datasheet(PDF) 58 Page - Analog Devices

Part # OP296
Description  MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP296 Datasheet(HTML) 58 Page - Analog Devices

Back Button OP296 Datasheet HTML 54Page - Analog Devices OP296 Datasheet HTML 55Page - Analog Devices OP296 Datasheet HTML 56Page - Analog Devices OP296 Datasheet HTML 57Page - Analog Devices OP296 Datasheet HTML 58Page - Analog Devices OP296 Datasheet HTML 59Page - Analog Devices OP296 Datasheet HTML 60Page - Analog Devices OP296 Datasheet HTML 61Page - Analog Devices OP296 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 88 page
background image
ADuC841/ADuC842/ADuC843
Rev. 0 | Page 58 of 88
In general-purpose I/O port mode, Port 2 pins that have 1s
written to them are pulled high by the internal pull-ups
(Figure 60) and, in that state, can be used as inputs. As inputs,
Port 2 pins being pulled externally low source current because
of the internal pull-up resistors. Port 2 pins with 0s written to
them drive a logic low output voltage (VOL) and are capable of
sinking 1.6 mA.
P2.6 and P2.7 can also be used as PWM outputs. When they are
selected as the PWM outputs via the CFG841/CFG842 SFR, the
PWM outputs overwrite anything written to P2.6 or P2.7.
CONTROL
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
ADDR
P2.x
PIN
DVDD
INTERNAL
PULL-UP*
* SEE FOLLOWING FIGURE FOR
DETAILS OF INTERNAL PULL-UP
Q
Figure 59. Port 2 Bit Latch and I/O Buffer
FROM
PORT
LATCH
2 CLK
DELAY
Q1
DVDD
Q2
DVDD
Q3
DVDD
Px.x
PIN
Q4
Q
Figure 60. Internal Pull-Up Configuration
Port 3
Port 3 is a bidirectional port with internal pull-ups directly
controlled via the P3 SFR. Port 3 pins that have 1s written to
them are pulled high by the internal pull-ups and, in that state,
can be used as inputs. As inputs, Port 3 pins being pulled
externally low source current because of the internal pull-ups.
Port 3 pins with 0s written to them will drive a logic low output
voltage (VOL) and are capable of sinking 4 mA. Port 3 pins also
have various secondary functions as described in Table 26. The
alternate functions of Port 3 pins can be activated only if the
corresponding bit latch in the P3 SFR contains a 1. Otherwise,
the port pin is stuck at 0.
Table 26. Port 3 Alternate Pin Functions
Pin No.
Alternate Function
P3.0
RxD (UART Input Pin) (or Serial Data I/O in Mode 0)
P3.1
TxD (UART Output Pin) (or Serial Clock Output in Mode 0)
P3.2
INT0 (External Interrupt 0)
P3.3
INT1 (External Interrupt 1)/PWM 1/MISO
P3.4
T0 (Timer/Counter 0 External Input)
PWM External Clock/PWM 0
P3.5
T1 (Timer/Counter 1 External Input)
P3.6
WR (External Data Memory Write Strobe)
P3.7
RD (External Data Memory Read Strobe)
P3.3 and P3.4 can also be used as PWM outputs. When they are
selected as the PWM outputs via the CFG841/CFG842 SFR, the
PWM outputs overwrite anything written to P3.4 or P3.3.
READ
LATCH
INTERNAL
BUS
WRITE
TO LATCH
READ
PIN
D
CL
Q
LATCH
DVDD
P3.x
PIN
INTERNAL
PULL-UP*
* SEE PREVIOUS FIGURE
FOR DETAILS OF
INTERNAL PULL-UP
ALTERNATE
OUTPUT
FUNCTION
ALTERNATE
INPUT
FUNCTION
Q
Figure 61. Port 3 Bit Latch and I/O Buffer
Additional Digital I/O
In addition to the port pins, the dedicated SPI/I2C pins (SCLOCK
and SDATA/MOSI) also feature both input and output func-
tions. Their equivalent I/O architectures are illustrated in
Figure 62 and Figure 64, respectively, for SPI operation and in
Figure 63 and Figure 65 for I2C operation. Notice that in I2C
mode (SPE = 0), the strong pull-up FET (Q1) is disabled,
leaving only a weak pull-up (Q2) present. By contrast, in SPI
mode (SPE = 1) the strong pull-up FET (Q1) is controlled
directly by SPI hardware, giving the pin push-pull capability.
In I2C mode (SPE = 0), two pull-down FETs (Q3 and Q4)
operate in parallel to provide an extra 60% or 70% of current
sinking capability. In SPI mode (SPE = 1), however, only one of
the pull-down FETs (Q3) operates on each pin, resulting in sink
capabilities identical to that of Port 0 and Port 2 pins. On the
input path of SCLOCK, notice that a Schmitt trigger conditions
the signal going to the SPI hardware to prevent false triggers
(double triggers) on slow incoming edges. For incoming signals
from the SCLOCK and SDATA pins going to I2C hardware, a
filter conditions the signals to reject glitches of up to 50 ns in
duration.
Notice also that direct access to the SCLOCK and SDATA/
MOSI pins is afforded through the SFR interface in I2C master
mode. Therefore, if you are not using the SPI or I2C functions,
you can use these two pins to give additional high current
digital outputs.
Q3
SCHMITT
TRIGGER
Q1
Q2 (OFF)
DVDD
Q4 (OFF)
SCLOCK
PIN
SPE = 1 (SPI ENABLE)
HARDWARE SPI
(MASTER/SLAVE)
Figure 62. SCLOCK Pin I/O Functional Equivalent in SPI Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com