Electronic Components Datasheet Search
  English  ▼

X  

AD5546 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5546
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5546 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5546 Datasheet HTML 3Page - Analog Devices AD5546 Datasheet HTML 4Page - Analog Devices AD5546 Datasheet HTML 5Page - Analog Devices AD5546 Datasheet HTML 6Page - Analog Devices AD5546 Datasheet HTML 7Page - Analog Devices AD5546 Datasheet HTML 8Page - Analog Devices AD5546 Datasheet HTML 9Page - Analog Devices AD5546 Datasheet HTML 10Page - Analog Devices AD5546 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DAC08
Rev. C | Page 7 of 20
TEST AND BURN-IN CIRCUITS
0V
TYPICAL VALUES:
RIN =5kΩ
+VIN = 10V
4
2
14
15
16
OPTIONAL RESISTOR
FOR OFFSET INPUTS
RL
RL
RREF
+VREF
RIN
200
Ω
RP
NO CAP
REQ ≈
Figure 5. Pulsed Reference Operation
16 15 14
13 12
11 10
9
DAC08
C1
R1
C2
+18V
C3
R1 = 9k
Ω
C1 = 0.001
µF
C2, C3 = 0.01
µF
–18V MIN
12
3
4
5
6
7
8
Figure 6. Burn-In Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com