Electronic Components Datasheet Search
  English  ▼

X  

AD5546 Datasheet(PDF) 11 Page - Analog Devices

Part # AD5546
Description  8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5546 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5546 Datasheet HTML 7Page - Analog Devices AD5546 Datasheet HTML 8Page - Analog Devices AD5546 Datasheet HTML 9Page - Analog Devices AD5546 Datasheet HTML 10Page - Analog Devices AD5546 Datasheet HTML 11Page - Analog Devices AD5546 Datasheet HTML 12Page - Analog Devices AD5546 Datasheet HTML 13Page - Analog Devices AD5546 Datasheet HTML 14Page - Analog Devices AD5546 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
DAC08
Rev. C | Page 11 of 20
BASIC CONNECTIONS
+VREF
RREF
IIN
RIN
VIN
14
15
R15
(OPTIONAL)
HIGH INPUT
IMPEDANCE
+VREF MUST BE ABOVE PEAK POSITIVE SWING OF VIN
RREF ≈ R15
IREF ≥ PEAK NEGATIVE SWING OF IIN
IREF
RREF
VIN
+VREF
14
15
14
15
Figure 23. Accommodating Bipolar References
R15
IREF
FOR FIXED REFERENCE,
TTL OPERATION,
TYPICAL VALUES ARE:
VREF = 10.000V
RREF = 5.000kΩ
R15 = RREF
CC = 0.01µF
VLC = 0V (GROUND)
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
V–
CC
COMP
0.1
µF
V–
V+
VLC
IO
V+
VREF (+)
+VREF
RREF
(R14)
VREF (–)
14
15
4
2
56 78 9 10 11 12
316
13
1
IO
0.1
µF
IFR =
×
IO + IO = IFR FOR
ALL LOGIC STATES
+VREF
RREF
255
256
Figure 24. Basic Positive Reference Operation
IREF = 2.000mA
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
5.000k
Ω
EO
EO
5.000k
Ω
4
2
IO
IO
14
FULL RANGE
HALF SCALE +LSB
HALF SCALE
HALF SCALE –LSB
ZERO SCALE +LSB
ZERO SCALE
B1
1
1
1
0
0
0
B2
1
0
0
1
0
0
B3
1
0
0
1
0
0
B4
1
0
0
1
0
0
B5
1
1
1
0
0
0
B6
1
0
0
1
0
0
B7
1
0
0
1
0
0
B8
1
1
0
1
1
0
IO
1.992
1.008
1.000
0.992
0.008
0.000
IO
0.000
0.984
0.992
1.000
1.984
1.992
EO
–9.960
–5.040
–5.000
–4.960
–0.040
0.000
EO
–0.000
–4.920
–4.960
–5.000
–9.920
–9.960
Figure 25. Basic Unipolar Negative Operation
IREF = 2.000mA
MSB
B1 B2 B3 B4 B5 B6 B7
LSB
B8
10V
10k
Ω
10k
Ω
EO
EO
4
2
IO
IO
14
POS. FULL RANGE
POS. FULL RANGE –LSB
ZERO SCALE +LSB
ZERO SCALE
ZERO SCALE –LSB
NEG. FULL SCALE +LSB
NEG. FULL SCALE
B1
1
1
1
1
0
0
0
B2
1
1
0
0
1
0
0
B3
1
1
0
0
1
0
0
B4
1
1
0
0
1
0
0
B5
1
1
0
0
1
0
0
B6
1
1
0
0
1
0
0
B7
1
1
0
0
1
0
0
B8
1
0
1
0
1
1
0
EO
–9.920
–9.840
–0.080
0.000
+0.080
+9.920
+10.000
EO
+10.000
+9.920
+0.160
+0.080
0.000
–9.840
–9.920
Figure 26. Basic Bipolar Output Operation
APPROX
5k
Ω
≈1V
IREF (+) ≈ 2mA
39k
Ω
10k
Ω
POT
LOW T.C.
4.5k
Ω
VREF
10V
14
15
Figure 27. Recommended Full-Scale Adjustment Circuit
RREF
IO
IO
R15
–VREF
IFS ≈
–VREF
RREF
NOTE
RREF SETS IFS; R15 IS FOR
BIAS CURRENT CANCELLATION.
14
15
4
2
Figure 28. Basic Negative Reference Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com