Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7301 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 10Page - Texas Instruments LM7301 Datasheet HTML 11Page - Texas Instruments LM7301 Datasheet HTML 12Page - Texas Instruments LM7301 Datasheet HTML 13Page - Texas Instruments LM7301 Datasheet HTML 14Page - Texas Instruments LM7301 Datasheet HTML 15Page - Texas Instruments LM7301 Datasheet HTML 16Page - Texas Instruments LM7301 Datasheet HTML 17Page - Texas Instruments LM7301 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
VA
R
R
R
R
To Output Amplifier
R
DAC081S101
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
www.ti.com
FUNCTIONAL DESCRIPTION
DAC SECTION
The DAC081S101 is fabricated on a CMOS process with an architecture that consists of switches and a resistor
string that are followed by an output buffer. The power supply serves as the reference voltage. The input coding
is straight binary with an ideal output voltage of:
VOUT = VA x (D / 256)
(2)
where D is the decimal equivalent of the binary code that is loaded into the DAC register and can take on any
value between 0 and 255.
RESISTOR STRING
The resistor string is shown in Figure 35. This string consists of 4096 equal valued resistors with a switch at each
junction of two resistors, plus a switch to ground. The code loaded into the DAC register determines which switch
is closed, connecting the proper node to the amplifier. This configuration guarantees that the DAC is monotonic.
Figure 35. DAC Resistor String
OUTPUT AMPLIFIER
The output buffer amplifier is a rail-to-rail type, providing an output voltage range of 0V to VA. All amplifiers, even
rail-to-rail types, exhibit a loss of linearity as the output approaches the supply rails (0V and VA, in this case). For
this reason, linearity is specified over less than the full output range of the DAC. The output capabilities of the
amplifier are described in the Electrical Tables.
SERIAL INTERFACE
The three-wire interface is compatible with SPI, QSPI and MICROWIRE as well as most DSPs. See the Timing
Diagram for information on a write sequence.
A write sequence begins by bringing the SYNC line low. Once SYNC is low, the data on the DIN line is clocked
into the 16-bit serial input register on the falling edges of SCLK. On the 16th falling clock edge, the last data bit is
clocked in and the programmed function (a change in the mode of operation and/or a change in the DAC register
contents) is executed. At this point the SYNC line may be kept low or brought high. In either case, it must be
brought high for the minimum specified time before the next write sequence as a falling edge of SYNC is used to
initiate the next write cycle.
14
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com