Electronic Components Datasheet Search
  English  ▼

X  

LM7301 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM7301
Description  DAC081S101 8-Bit Micro Power Digital-to-Analog Converter with Rail-to-Rail Output
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM7301 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM7301 Datasheet HTML 11Page - Texas Instruments LM7301 Datasheet HTML 12Page - Texas Instruments LM7301 Datasheet HTML 13Page - Texas Instruments LM7301 Datasheet HTML 14Page - Texas Instruments LM7301 Datasheet HTML 15Page - Texas Instruments LM7301 Datasheet HTML 16Page - Texas Instruments LM7301 Datasheet HTML 17Page - Texas Instruments LM7301 Datasheet HTML 18Page - Texas Instruments LM7301 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
DATA BITS
0 0 Normal Operation
0 1 1 k
to GND
1 0 100 k
to GND
1 1 High Impedance
W
W
MSB
X
X PD1 PD0 D7 D6 D5 D4 D3 D2
D1 D0
X
X
X
X
Power-Down Modes
LSB
DAC081S101
www.ti.com
SNAS323C – JUNE 2005 – REVISED FEBRUARY 2013
Since the SYNC and DIN buffers draw more current when they are high, they should be idled low between write
sequences to minimize power consumption.
INPUT SHIFT REGISTER
The input shift register, Figure 36, has sixteen bits. The first two bits are "don't cares" and are followed by two
bits that determine the mode of operation (normal mode or one of three power-down modes). The contents of the
serial input register are transferred to the DAC register on the sixteenth falling edge of SCLK. See Timing
Diagram, Figure 2.
Figure 36. Input Register Contents
Normally, the SYNC line is kept low for at least 16 falling edges of SCLK and the DAC is updated on the 16th
SCLK falling edge. However, if SYNC is brought high before the 16th falling edge, the shift register is reset and
the write sequence is invalid. The DAC register is not updated and there is no change in the mode of operation
or in the output voltage.
POWER-ON RESET
The power-on reset circuit controls the output voltage during power-up. Upon application of power the DAC
register is filled with zeros and the output voltage is 0 Volts and remains there until a valid write sequence is
made to the DAC.
POWER-DOWN MODES
The DAC081S101 has four modes of operation. These modes are set with two bits (DB13 and DB12) in the
control register.
Table 2. Modes of Operation
DB13
DB12
Operating Mode
0
0
Normal Operation
0
1
Power-Down with 1k
Ω to GND
1
0
Power-Down with 100k
Ω to GND
1
1
Power-Down with Hi-Z
When both DB13 and DB12 are 0, the device operates normally. For the other three possible combinations of
these bits the supply current drops to its power-down level and the output is pulled down with either a 1k
Ω or a
100K
Ω resistor, or is in a high impedance state, as described in Table 2.
The bias generator, output amplifier, the resistor string and other linear circuitry are all shut down in any of the
power-down modes. However, the contents of the DAC register are unaffected when in power-down, so when
coming out of power down the output voltage returns to the same voltage it was before entering power down.
Minimum power consumption is achieved in the power-down mode with SCLK disabled and SYNC and DIN idled
low. The time to exit power-down (Wake-Up Time) is typically tWU µsec as stated in the A.C. and Timing
Characteristics Table.
APPLICATION INFORMATION
The simplicity of the DAC081S101 implies ease of use. However, it is important to recognize that any data
converter that utilizes its supply voltage as its reference voltage will have essentially zero PSRR (Power Supply
Rejection Ratio). Therefore, it is necessary to provide a noise-free supply voltage to the device.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: DAC081S101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com