Electronic Components Datasheet Search
  English  ▼

X  

AX88760 Datasheet(PDF) 15 Page - ASIX Electronics Corporation

Part # AX88760
Description  AX88760 Product Introduction
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88760 Datasheet(HTML) 15 Page - ASIX Electronics Corporation

Back Button AX88760 Datasheet HTML 10Page - ASIX Electronics Corporation AX88760 Datasheet HTML 11Page - ASIX Electronics Corporation AX88760 Datasheet HTML 12Page - ASIX Electronics Corporation AX88760 Datasheet HTML 13Page - ASIX Electronics Corporation AX88760 Datasheet HTML 14Page - ASIX Electronics Corporation AX88760 Datasheet HTML 15Page - ASIX Electronics Corporation AX88760 Datasheet HTML 16Page - ASIX Electronics Corporation AX88760 Datasheet HTML 17Page - ASIX Electronics Corporation AX88760 Datasheet HTML 18Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
15
Copyright (C) 2009 Reserved by ASIX Electronics Corporation
AX88760 Product Introduction
Appendix B: Frequently Asked Questions
Users can learn some basic information about AX88760 from here. If you couldn’t find the
answers to your questions, please feel free to contact ASIX's Support (support@asix.com.tw) for
helps.
1.
Where can I obtain the latest AX88760 drivers?
Please visit the following AX88760 Driver Download web page to download the latest
AX88760 drivers.
AX88760 Driver Download web page
(http://www.asix.com.tw/download.php?sub=driverdetail&PItemID=103)
Note: The integrated Ethernet Controller of AX88760 is fully compatible with ASIX’s
AX88772A USB2.0 to 10/100 Fast Ethernet Controller, therefore AX88772A driver can
bring up AX88760 Ethernet controller function without any modification.
2.
Why don't ASIX's AX88760 drivers work with my AX88760 device?
All ASIX's AX88760 drivers are qualified with ASIX AX88760 demo board with
ASIX's default Vendor ID (0B95h) and Product ID (772Ah).
Some of AX88760 manufacturers have their own Vendor ID and Product ID. In this
case, ASIX's AX88760 drivers will not work with your AX88760 device. Please contact
the technical support of your device manufacturer to obtain their AX88760 customized
driver.
3.
What kind of EEPROM should I implement on my AX88760 applications?
The AX88760 supports 16-bit mode 93C56/93C66 EEPROM. You can select a proper
EEPROM model according as some other special requirements such as a long manufacture
string or product string, etc.
If you need use a long manufacture string, product string, etc., the SROM data size of
your AX88760 application might be larger than 256 bytes; in this case, you MUST select
the 93C66 EEPROM (512 bytes) on your AX88760 application. Please refer to “AX88760
EEPROM/Manufacture User Guide” for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com