Electronic Components Datasheet Search
  English  ▼

X  

AX88760 Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88760
Description  AX88760 Product Introduction
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88760 Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88760 Datasheet HTML 10Page - ASIX Electronics Corporation AX88760 Datasheet HTML 11Page - ASIX Electronics Corporation AX88760 Datasheet HTML 12Page - ASIX Electronics Corporation AX88760 Datasheet HTML 13Page - ASIX Electronics Corporation AX88760 Datasheet HTML 14Page - ASIX Electronics Corporation AX88760 Datasheet HTML 15Page - ASIX Electronics Corporation AX88760 Datasheet HTML 16Page - ASIX Electronics Corporation AX88760 Datasheet HTML 17Page - ASIX Electronics Corporation AX88760 Datasheet HTML 18Page - ASIX Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
17
Copyright (C) 2009 Reserved by ASIX Electronics Corporation
AX88760 Product Introduction
5.
How to register a Vendor ID from USB-IF?
If you are a new USB product developer looking to get a Vendor ID for your company,
you can register a Vendor ID from USB Implementers Forum, Inc. Please visit the USB-IF
web site (http://www.usb.org/developers/vendor/) for details.
6.
Do I have to assign a unique MAC address to every AX88760 based
devices?
Yes, every Ethernet device must have a unique MAC address. Users should always
assign a unique MAC address in the AX88760 EEPROM for every AX88760 based
devices.
You should visit the IEEE-SA web site
(http://standards.ieee.org/regauth/registry_OUI.html) to register a block of MAC addresses
for your company.
7.
How to register a MAC/Ethernet address from IEEE-SA?
You must first have an OUI or an IAB, to which you then append 24 or 12 bits
respectively, in a way that makes the resulting 48-bit number unique, i.e., your 24 or 12 bits
must be unique within your organization, which will require coordination among all the
users of your organization's OUI or IAB. Please visit the IEEE-SA web site
(http://standards.ieee.org/regauth/registry_OUI.html) for details.
8.
Do I have to assign a unique serial number to every AX88760 based
device?
No, it depends on the real requirement of your AX88760 target application. If your end
customer may need to install more than one AX88760-based device on your target
application, you should assign a different serial number in the EEPROM for every
AX88760 device.
If your target application always uses one AX88760 device, you can consider assigning
the same serial number (suggested to define a unique serial number but not use the default
serial number “000001”) in the EEPROM for every AX88760 device for easy maintenance
in mass production, especially if you plan to use a Windows PC to test AX88760 based
devices repeatedly during the mass production test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com