Electronic Components Datasheet Search
  English  ▼

X  

DAC7573IPW Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 11 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 7Page - Texas Instruments DAC7573IPW Datasheet HTML 8Page - Texas Instruments DAC7573IPW Datasheet HTML 9Page - Texas Instruments DAC7573IPW Datasheet HTML 10Page - Texas Instruments DAC7573IPW Datasheet HTML 11Page - Texas Instruments DAC7573IPW Datasheet HTML 12Page - Texas Instruments DAC7573IPW Datasheet HTML 13Page - Texas Instruments DAC7573IPW Datasheet HTML 14Page - Texas Instruments DAC7573IPW Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
EVM Basic Functions
1-3
EVM Overview
Caution
To avoid potential damage to the EVM board, make sure that the
correct cables are connected to their respective terminals as
labeled on the EVM board.
Stresses above the maximum listed voltage ratings may cause
permanent damage to the device.
1.2.2
Reference Voltage
The 5-V precision voltage reference is provided to supply the external voltage
reference for the DAC through REF02, U3, via jumper W4 by shorting pins 1
and 2. The reference voltage goes through 100-k
Ω potentiometer R11 in
series with 20-k
Ω R10 to allow the user to adjust the reference voltage to a
desired level. The voltage reference is then buffered through U8A to the DUT.
Test points TP1, TP2, and TP5 are also provided, as well as J4- 18 and J4- 20,
to allow the user to connect another external reference source if the onboard
reference circuit is not used. The external voltage reference must not exceed
5 Vdc.
The REF02 precision reference is powered by VCC (15 V) through the J1-3
or J6 - 1 terminal.
Caution
When applying an external voltage reference through TP1 or J4- 20,
make sure that it does not exceed 5 V maximum. Otherwise, this
can permanently damage the installed device under test (DUT).
1.3
EVM Basic Functions
The DACx573 EVM is a functional-evaluation platform to demonstrate the
operation of the DACx573 family of digital - to - analog converters. Functional
evaluation of the DAC device can be conducted with any microprocessor, TI
DSP, or a waveform generator.
Header connectors J2 and P2 allow control signals and data from a host
processor or waveform generator to interface with the DACx573 EVM using
a custom-built cable.
Specific adapter interface boards are also available for many TI DSP Starter
Kits (DSKs). Specify the correct adapter interface board for the TI DSP Starter
Kit to be used. In addition, an MSP430-based platform (HPA449) that uses the
MSP430F449 microprocessor is available that directly interfaces with this
EVM. For more information regarding the adapter - interface board or the
HPA449 platform, please call Texas Instruments or send email to
dataconvapps@list.ti.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com