Electronic Components Datasheet Search
  English  ▼

X  

DAC7573IPW Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7573IPW
Description  This document contains the following chapters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC7573IPW Datasheet(HTML) 14 Page - Texas Instruments

Back Button DAC7573IPW Datasheet HTML 10Page - Texas Instruments DAC7573IPW Datasheet HTML 11Page - Texas Instruments DAC7573IPW Datasheet HTML 12Page - Texas Instruments DAC7573IPW Datasheet HTML 13Page - Texas Instruments DAC7573IPW Datasheet HTML 14Page - Texas Instruments DAC7573IPW Datasheet HTML 15Page - Texas Instruments DAC7573IPW Datasheet HTML 16Page - Texas Instruments DAC7573IPW Datasheet HTML 17Page - Texas Instruments DAC7573IPW Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
PCB Layout
2-2
2.1
PCB Layout
The DACx573 EVM demonstrates the performance of the installed DAC
device under test, as specified in the data sheet. Careful analysis of the
physical restrictions and performance - degrading factors of the EVM is vital to
a successful design implementation. The obvious attributes that can cause
poor performance of the EVM can be avoided during schematic design by
proper component selection and correct circuit - design practices. The circuit
must include adequate bypassing, identifying, and managing the analog and
digital signals and understanding the mechanical attributes of the
components.
The less obvious part of the design lies in the PCB layout. The main concerns
are component placement and proper signal routing. The bypass capacitors
must be placed as close as possible to the pins and the analog and digital
signals must be properly separated from each other. The power and ground
planes are very important and require careful consideration. A solid plane is
preferred, but sometimes impractical. When solid planes are not possible, a
well - designed split plane can suffice. When considering a split - plane design,
analyze the component placement and carefully divide the board into its
analog and digital sections starting from the device under test. The ground
plane plays an important role in controlling noise and other effects that can
contribute to DAC output error. To ensure that return currents are handled
properly, route the appropriate signals only in their respective sections. Route
analog traces only directly above or below the analog section, and the digital
traces in the digital section. Minimize trace length, but use the widest possible
trace allowable in the design. These design practices are demonstrated in
subsequent figures in this section.
The DACx573 EVM board is constructed on a four - layer printed circuit board
using a copper - clad FR - 4 laminate material. The printed circuit board has a
dimension of 43,1800 mm (1.7000 inch) X 82,5500 mm (3.2500 inch), and the
board thickness is 1,5748 mm (0.0620 inch). Figure 2 - 1 through Figure 2 - 6
show the individual artwork layers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com