Electronic Components Datasheet Search
  English  ▼

X  

ADS61 Datasheet(PDF) 25 Page - Texas Instruments

Part # ADS61
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS61 Datasheet(HTML) 25 Page - Texas Instruments

Back Button ADS61 Datasheet HTML 21Page - Texas Instruments ADS61 Datasheet HTML 22Page - Texas Instruments ADS61 Datasheet HTML 23Page - Texas Instruments ADS61 Datasheet HTML 24Page - Texas Instruments ADS61 Datasheet HTML 25Page - Texas Instruments ADS61 Datasheet HTML 26Page - Texas Instruments ADS61 Datasheet HTML 27Page - Texas Instruments ADS61 Datasheet HTML 28Page - Texas Instruments ADS61 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
GC5330
GC5337
www.ti.com
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
Back-end AGC
The beAGC function is available for receive channels from DDUC3 and DDUC2 (DDUC1 and DDUC0 may also
be used for receive
—with the formats as described following—but without the beAGC function). When the
floating-point format is selected (described following), the beAGC is not used. For the fixed-point formats, the
beAGC may be on or off. There are separate beAGC blocks associated with DDUC3 and DDUC2, and each
block can process up to 12 channels. Within a block, there are two sets of control parameters. This provides
support for two different signal types sharing the same DDUC block. Each channel may have a
programmable-gain starting point or a fixed gain, and there is a per-channel flexible gating signal to control
freeze/operate intervals for TDD signal types. The beAGC has approximately a 100 dB dynamic range. The
beAGC algorithm adjusts the gain to drive the median magnitude of gain-loop output data to a target threshold
value. There are four step-sizes used (two for above and two for below the threshold), depending on distance
from the threshold value.
Output formatter
There are three operational modes for the RX BB output formatter: byte mode (B, 9 bits), nibble mode (N, 4 bits),
and serial mode (S, 2 bits). The nibble and serial modes allow multiple BB output rates and the use of fewer pins
on the interface. The GC533x can provide up to three different BB output data rates. Table 7 and Table 8
summarize the different modes and pin assignments for the byte, nibble, and serial modes. As can be seen in
Table 8, there are two data formats supported:
•
Floating point (indicated with an F in the mode label; 14- or 16-bit mantissa, 4-bit exponent)
•
Fixed point without gain word (16- or 18-bit options)
In Table 8, BBOUT[X] is the BBOUT differential pair (assumed positive and negative connections), and BB0,
BB1, and BB2 represent three different RX differential baseband input signals that can be at arbitrary rates.
Figure 13 shows the BB output formats. The maximum-data-rate configurations have the DDR clock out
transitioning synchronously with the data (referred to as DDR Mode 0 in the table). At half the maximum possible
data rate (referred to as DDR Mode 1 in the table) and a quarter of the maximum possible data rate (referred to
as DDR Mode 2 in the table), the DDR clock out transitions in the middle of the data-steady time .
Table 7. RX BB Formatter Modes
Total Number of Interface
Maximum Complex Interface Rate per Channel
MODE
Description
Pins
N is the number of channels
1B
1 interface rate (up to 18 bits)
11 = 9 data + 1 clk + 1 sync
(Clk4/4)/N/2; maximum 125 MSPS total (for all channels)
1BF
1 interface rate (up to 16 bits) + exponent (4
10 = 8 data + 1 clk + 1 sync
(Clk4/4)/N/2; maximum 125 MSPS total (for all channels)
bits)
1N
1 interface rate (16 bits)
6 = 4 data + 1 clk + 1 sync
(Clk4/8)/N; maximum 96.15 (Nibble0), 125 (Nibble1) MSPS total
1NF
1 interface rate (14 bits) + exponent (4 bits)
6 = 4 data + 1 clk + 1 sync
(Clk4/8)/N; maximum 96.15 (Nibble0), 125 (Nibble1) MSPS total
1S
1 interface rate (16 bits)
4 = 2 data + 1 clk + 1 sync
(Clk4/16)/N; maximum 48.07 MSPS total
1SF
1 interface rate (14 bits) + exponent (4 bits)
4 = 2 data + 1 clk + 1 sync
(Clk4/16)/N; maximum 48.07 MSPS total
2N
2 interface rates (16 bits)
12 = 4 data + 1 clk + 1 sync +
(Clk4/8)/N; maximum 221.15 MSPS total
4 data + 1 clk + 1 sync
2NF
2 interface rates (14 bits) + exponent (4 bits)
12 = 4 data + 1 clk + 1 sync +
(Clk4/8)/N; maximum 221.15 MSPS total
4 data + 1 clk + 1 sync
2S
2 interface rates (16 bits)
8 = 2 data + 1 clk + 1 sync +
(Clk4/16)/N; maximum 96.15 MSPS total
2 data + 1 clk + 1 sync
2SF
2 interface rates (14 bits)+ exponent (4 bits)
8 = 2 data + 1 clk + 1 sync +
(Clk4/16)/N; maximum 96.15 MSPS total
2 data + 1 clk + 1 sync
3S
3 interface rates (16 bits)
12 = 2 data + 1 clk + 1 sync +
(Clk4/16)/N; maximum 144.23 MSPS total
2 data + 1 clk + 1 sync +
2 data + 1 clk + 1 sync
3SF
3 interface rates (14 bits)+ exponent (4 bits)
12 = 2 data + 1 clk + 1 sync +
(Clk4/16)/N; maximum 144.23 MSPS total
2 data + 1 clk + 1 sync +
2 data + 1 clk + 1sync
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com