Electronic Components Datasheet Search
  English  ▼

X  

ADS61 Datasheet(PDF) 32 Page - Texas Instruments

Part # ADS61
Description  Wideband Transmit-Receive Digital Signal Processors
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS61 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ADS61 Datasheet HTML 28Page - Texas Instruments ADS61 Datasheet HTML 29Page - Texas Instruments ADS61 Datasheet HTML 30Page - Texas Instruments ADS61 Datasheet HTML 31Page - Texas Instruments ADS61 Datasheet HTML 32Page - Texas Instruments ADS61 Datasheet HTML 33Page - Texas Instruments ADS61 Datasheet HTML 34Page - Texas Instruments ADS61 Datasheet HTML 35Page - Texas Instruments ADS61 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
BBOUT Data
BBOUT Sync
BBOUT Clk
t
su
t
h
T0508-01
GC5330
GC5337
SLWS226 B
– DECEMBER 2010 – REVISED JANUARY 2011
www.ti.com
The lowest-rate outputs use DDR2 mode, where the output clock changes on one rising edge of the internal
clock and the output data changes on the subsequent rising edge. In DDR2 mode, the output bit rate (per LVDS
pair) is half of the internal clock. Middle-rate outputs use DDR1 mode, where the output clock changes on the
falling edge of the internal clock and the output data changes on the rising edge of the internal clock, which
results in an output bit rate equal to the internal clock rate. Both DDR1 and DDR2 result in the output clock edge
occurring in the middle of output data-stable time. The DDR1 and DDR2 modes are shown in Table 12 and
Figure 16.
The highest-rate outputs use DDR0 mode, where both the output clock and output data change with both the
rising and falling edges of the internal clock. The DDR0 output bit rate is twice the internal clock rate. DDR0
results in the clock and data changing at the same time, and typically requires extra trace length on the PC board
for the clockout signal to provide the required setup time for the receiving chip. The DDR0 mode is shown in
Table 13 and Figure 17.
Table 12. General Switching Characteristics, RX BB LVDS Output
– DDR1, DDR2
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
BASEBAND INTERFACE DDR LVDS
fCLK(BB-DDR2)
See (1). Applies to BBOUT byte,
155
Baseband output clock frequency
MHz
nibble, or serial
fCLK(BB-DDR1)
310
tskmin(BB)Serial0
BBOUT3 Clk, BBOUT1:0 Data, BBOUT2 Sync
See (2)(3)
–20
ps
tskmax (BB)Serial0 BBOUT3 Clk, BBOUT1:0 Data, BBOUT2 Sync
See (2)(3)
350
ps
tskmin(BB)Serial1
BBOUT7 Clk, BBOUT5:4 Data, BBOUT6 Sync
See (2)(3)
15
ps
tskmax (BB)Serial1 BBOUT7 Clk, BBOUT5:4 Data, BBOUT6 Sync
See (2)(3)
310
ps
tskmin(BB)Serial2
BBOUT11 Clk, BBOUT9:8 Data, BBOUT10 Sync
See (2)(3)
60
ps
tskmin(BB)Serial2
BBOUT11 Clk, BBOUT9:8 Data, BBOUT10 Sync
See (2)(3)
300
ps
tskmax(BB)Nibble0
BBOUT3 Clk, BBOUT5,4,1,0 Data, BBOUT2 Sync
See (2)(3)
170
ps
tskmax(BB)Nibble0
BBOUT3 Clk, BBOUT5,4,1,0 Data, BBOUT2 Sync
See (2)(3)
340
ps
tskmin(BB)Nibble1
BBOUT7 Clk, BBOUT11:8 Data, BBOUT6 Sync
See (2)(3)
55
ps
tskmax(BB)Nibble1
BBOUT7 Clk, BBOUT11:8 Data, BBOUT6 Sync
See (2)(3)
305
ps
BBOUT7 Clk, BBOUT11:8,5:4,2:0 Data, BBOUT6
tskmin(BB)Byte
See (2)(3)
250
ps
Sync
BBOUT7 Clk, BBOUT11:8,5:4,2:0 Data, BBOUT6
tskmax(BB)Byte
See (2)(3)
255
ps
Sync
(1)
Chip specifications are production tested at 90
°C case temperature for the given specification. Early production lots are sample tested
at
–40°C.
(2)
Skew measured for RX BBOUT data and frame signals, relative to the BBclk signal at zero crossing. BBclk is measured at threshold
crossing. Lab measurement +signal
→ 50 Ω → Vcommon → 50 Ω → –signal. Vcommon has a 0.01-µF filter capacitor to GND.
Differential probe used for measurement.
(3)
tsu calculation: 1/4 BBclk period – tskmin; th calculation: 1/4 BBclk period – tskmax
Figure 16. RX Baseband LVDS DDR1, DDR2 Output Timing Specifications
32
Submit Documentation Feedback
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): GC5330 GC5337



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com