Electronic Components Datasheet Search
  English  ▼

X  

IR1150IPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR1150IPBF
Description  UPFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150IPBF Datasheet(HTML) 3 Page - International Rectifier

  IR1150IPBF Datasheet HTML 1Page - International Rectifier IR1150IPBF Datasheet HTML 2Page - International Rectifier IR1150IPBF Datasheet HTML 3Page - International Rectifier IR1150IPBF Datasheet HTML 4Page - International Rectifier IR1150IPBF Datasheet HTML 5Page - International Rectifier IR1150IPBF Datasheet HTML 6Page - International Rectifier IR1150IPBF Datasheet HTML 7Page - International Rectifier IR1150IPBF Datasheet HTML 8Page - International Rectifier IR1150IPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
3
Electrical Characteristics cont.
The electrical characteristics involve the spread of values guaranteed within the specified supply voltage and junction
temperature range TJ from – 25°C to 125°C. Typical values represent the median values, which are related to 25°C. If not
otherwise stated, a supply voltage of VCC =15V is assumed for test condition.
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
VCC turn-off hysteresis
VCC HYST
1.8
—
2.2
V
—
18
22
mA
CLOAD=1nF fSW=200kHZ
—
36
40
mA
CLOAD=10nF fSW=200kHZ
Operating current
ICC
—
8
10
mA
Standby mode - inactive gate
Internal oscillator running
Startup current
ICCSTART
—
—
175
uA
VCC=VCC ON - 0.1V
Sleep current
ISLEEP
—
125
200
uA
VOVP<0.5V, VCC =15V
Sleep threshold
VSLEEP
0.56
0.62
0.68
V
Oscillator Section
Protection Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
Open loop protection(OLP)
Vfb threshold
VOLP
17
19
21
%VREF
Output under voltage
protection (OUV)
VOUV
49
51
53
%VREF
Brown out protection
Output over voltage
protection (OVP)
VOVP
104
105.5
107
%VREF
OVP hysteresis
—
350
450
550
mV
Peak current limit protection
(IPKLMT) ISNS voltage
threshold
VISNS
-1.11
-1.04
-0.96
V
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
Switching frequency
fSW
50
—
200
kHz
RSET = 165kΩ-37kΩ approx.
Initial accuracy
fSW ACC
—
—
5
%
TA = 25˚C
Voltage stability
VSTAB
—
0.2
3
%
13V <VCC <20V
Temperature stability
TSTAB
—
2
—
%
-25˚C ≤ TJ≤ 125˚C
Total variation
fVT
—
10
—
%
Line & temperature
Long term stability
FSTABLT
—
0.1
0.5
%
TAMB = 125˚C, 1000Hrs
Maximum duty cycle
DMAX
93
—
98
%
fSW=200kHz
Minimum duty cycle
DMIN
—
—
0
%
Minimum off time
Toffmin
200
300
400
Ns
fSW= 50kHz to 200kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com