Electronic Components Datasheet Search
  English  ▼

X  

IR1150IPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IR1150IPBF
Description  UPFC ONE CYCLE CONTROL PFC IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR1150IPBF Datasheet(HTML) 4 Page - International Rectifier

  IR1150IPBF Datasheet HTML 1Page - International Rectifier IR1150IPBF Datasheet HTML 2Page - International Rectifier IR1150IPBF Datasheet HTML 3Page - International Rectifier IR1150IPBF Datasheet HTML 4Page - International Rectifier IR1150IPBF Datasheet HTML 5Page - International Rectifier IR1150IPBF Datasheet HTML 6Page - International Rectifier IR1150IPBF Datasheet HTML 7Page - International Rectifier IR1150IPBF Datasheet HTML 8Page - International Rectifier IR1150IPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
IR1150(S)/IR1150I(S)(PbF)
www.irf.com
4
Internal Voltage Reference Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
Reference voltage
VREF
6.9
7.0
7.1
V
TA = 25˚C
Line regulation
RREG
—
12
25
mV
13.5V <VCC < 20V
Temp stability
TSTAB
—
0.4
—
%
-25˚C ≤TAMB≤ 125˚C
Total variation
∆VTOT
6.8
—
7.1
V
Over VCC and Tj ranges
Voltage Error Amplifier Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
Transconductance
gm
30
40
55
µS
-25˚C ≤TAMB≤ 125˚C
Source/sink current
IOVEA
30
20
40
45
65
90
µA
TAMB = 25˚C
-25˚C ≤TAMB≤ 125˚C
Soft start delay time
(calculated)
tss
—
40
—
ms
RGAIN=1kΩ , CZERO=0.33µF
CPOLE=0.01µF, fXO=28Hz
—
1.2
1.5
VCOMP voltage (fault)
VCOMP FLT
0.2
V
@ 1mA (max) initial
@ 25µA steady state
Effective VCOMP voltage
VCOMP EFF
6.05
V
Input bias current
IIB
—
-0.2
-0.5
µA
VFB=0V
-25˚C ≤ TAMB≤ 125˚C
Open loop bandwidth
BW
—
1
—
MHz
Input offset voltage temp
coefficient
TCIOV
—
—
10
µV/˚C
Note 1
Common mode rejection ratio
CMRR
—
100
—
dB
Output low voltage
VOL
—
—
0.5
V
Output high voltage
VOH
5.71
6.15
6.8
V
VCOMP start voltage
VCOMP START
300
500
700
mV
Current Amplifier Section
Parameters
Symbols
Min.
Typ.
Max.
Units
Remarks
DC gain
gDC
—
2.5
—
V/V
Corner frequency
fC
200
—
280
kHz
Note 1
Input offset voltage
VIO
—
1
4
mV
Note 1
ISNS bias current
ΙIB
—
200
300
µA
VFB=0V,-25˚C ≤ TAMB≤ 125˚C
Input offset voltage temp
coefficient
TCIOV
—
—
10
µV/˚C
Note 1
Common mode rejection ratio
CMRR
—
100
—
dB
230
350
450
ns
Blanking time
TBLANK
150
600
ns
TAMB = 25˚C
-25˚C ≤TAMB≤ 125˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com