Electronic Components Datasheet Search
  English  ▼

X  

IR3448 Datasheet(PDF) 32 Page - International Rectifier

Part # IR3448
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3448 Datasheet(HTML) 32 Page - International Rectifier

Back Button IR3448 Datasheet HTML 28Page - International Rectifier IR3448 Datasheet HTML 29Page - International Rectifier IR3448 Datasheet HTML 30Page - International Rectifier IR3448 Datasheet HTML 31Page - International Rectifier IR3448 Datasheet HTML 32Page - International Rectifier IR3448 Datasheet HTML 33Page - International Rectifier IR3448 Datasheet HTML 34Page - International Rectifier IR3448 Datasheet HTML 35Page - International Rectifier IR3448 Datasheet HTML 36Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
IR3448
32
www.irf.com
© 2013 International Rectifier
August 01, 2013
EXTERNALLY BIASED DUAL SUPPLIES
Figure 29: Application circuit for a 12V to 1.2V, 13A Point of Load Converter using external 5V VCC
Suggested Bill of Material for application circuit 12V to 1.2V using external 5V VCC
Part Reference
Qty
Value
Description
Manufacturer
Part Number
Cpvin1
1
330uF
SMD, electrolytic, 25V, 20%
Panasonic
EEV-FK1E331P
Cpvin2
5
22uF
1206, 25V, X5R, 10%
Murata
GRM31CR61E226KE15L
Cref
1
100pF
0603, 50V, C0G, 5%
Murata
GRM1885C1H101JA01D
Cvin
1
1.0uF
0603, 25V, X5R, 20%
Murata
GRM188R61E105KA12D
Cvcc
1
10uF
0603, 10V, X5R, 20%
TDK
C1608X5R1A106M
Cpvin3 Cboot Co1
3
0.1uF
0603, 25V, X7R, 10%
Murata
GRM188R71E104KA01D
Cc1
1
2200pF
0603, 50V, X7R, 10%
Murata
GRM188R71H222KA01D
Cc2
1
10nF
0603, 50V, X7R, 10%
Murata
GRM188R71H103KA01D
Cc3
1
200pF
0603, 50V, NPO, 5%
Murata
GRM1885C1H201JA01D
Cout1
6
47uF
0805, 6.3V, X5R, 20%
TDK
C2012X5R0J476M
L0
1
0.400uH
11 x 7.2 x 7.5mm,
DCR=0.29mΩ
Vitec
59PR9875N
Rbode
1
20
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF20R0V
Rboot
1
2
Thick Film, 0603, 1/10W, 5%
Panasonic
ERJ-3GEYJ2R0V
Rc1
1
39.2
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF39R2V
Rc2
1
2.49K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF2491V
Ren1
1
7.5K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF7501V
Ren2
1
49.9K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF4992V
Rfb1 Rfb2
Rsns1Rsns1
4
5.36K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF5361V
Rt
1
39.2K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF3922V
Rpg
1
10K
Thick Film, 0603, 1/10W, 1%
Panasonic
ERJ-3EKF1002V
U1
1
IR3448
PQFN 5x6mm
International
Rectifier
IR3448MPBF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com