Electronic Components Datasheet Search
  English  ▼

X  

IR3448 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3448
Description  16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3448 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3448 Datasheet HTML 2Page - International Rectifier IR3448 Datasheet HTML 3Page - International Rectifier IR3448 Datasheet HTML 4Page - International Rectifier IR3448 Datasheet HTML 5Page - International Rectifier IR3448 Datasheet HTML 6Page - International Rectifier IR3448 Datasheet HTML 7Page - International Rectifier IR3448 Datasheet HTML 8Page - International Rectifier IR3448 Datasheet HTML 9Page - International Rectifier IR3448 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
IR3448
6
www.irf.com
© 2013 International Rectifier
August 01, 2013
ELECTRICAL SPECIFICATIONS
RECOMMENDED OPERATING CONDITIONS
SYMBOL
DEFINITION
MIN
MAX
UNITS
PVin
Input Bus Voltage *
1.5
21
V
Vin
Supply Voltage
5.0
21
VCC
Supply Voltage **
4.5
7.5
Boot to SW
Supply Voltage
4.5
7.5
VO
Output Voltage
0.6
0.86 * PVin
IO
Output Current
0
±16
A
Fs
Switching Frequency
300
1500
kHz
TJ
Junction Temperature
-40
125
°C
*
SW node must not exceed 25V
**
When VCC is connected to an externally regulated supply, also connect Vin.
ELECTRICAL CHARACTERISTICS
Unless otherwise specified, these specification apply over, 1.5V < PVin < 21V, 4.5V< VCC < 7.5V, 0
oC < T
J <
125
oC.
Typical values are specified at TA = 25
oC.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Power Loss
Power Loss
PLOSS
Vin = PVin = 12V, VO = 1.2V,
IO = 16A, Fs = 600kHz,
L=0.400uH, TA = 25°C, Note 4
1.94
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot – VSW = 6.8V, ID = 16A, Tj
= 25°C
6.6
8.5
mΩ
Bottom Switch
Rds(on)_Bot
VCC =6.8V, ID = 16A, Tj = 25°C
2.2
2.9
Reference Voltage
Feedback Voltage
VFB
0.6
V
Accuracy
0°C < Tj < 105°C
-0.5
+0.5
%
-40°C < Tj < 125°C
-1
+1
Supply Current
Vin Supply Current
(Standby)
Iin(Standby)
Vin=21V, Enable low, No
Switching
300
425
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Vin=21V, Enable high, Fs =
600kHz
40
mA
VCC Supply Current
(Standby)
Icc(Standby)
Enable low, VCC=7V, No
Switching
300
425
µA
VCC Supply Current
(Dyn)
Icc(Dyn)
Enable high, VCC=7V, Fs =
600kHz
40
mA
Under Voltage Lockout
VCC–Start–Threshold
VCC_UVLO_Start
VCC Rising Trip Level
4.0
4.2
4.4
V
VCC–Stop–Threshold
VCC_UVLO_Stop
VCC Falling Trip Level
3.8
3.9
4.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com