Electronic Components Datasheet Search
  English  ▼

X  

IR3475 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3475
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3475 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3475 Datasheet HTML 2Page - International Rectifier IR3475 Datasheet HTML 3Page - International Rectifier IR3475 Datasheet HTML 4Page - International Rectifier IR3475 Datasheet HTML 5Page - International Rectifier IR3475 Datasheet HTML 6Page - International Rectifier IR3475 Datasheet HTML 7Page - International Rectifier IR3475 Datasheet HTML 8Page - International Rectifier IR3475 Datasheet HTML 9Page - International Rectifier IR3475 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
6
IR3475 
10A Highly Integrated SupIRBuck
TM 
ABSOLUTE MAXIMUM RATINGS 
 
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are 
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated in the 
operational sections of the specifications are not implied. 
 
VIN, FF 
‐0.3V  to  30V 
VCC, PGOOD, EN ‐0.3V  to  8V 
BOOT 
‐0.3V  to  38V 
PHASE ‐0.3V  to  30V (DC), ‐5V (100ns) 
BOOT to PHASE 
‐0.3V  to  8V 
ISET ‐0.3V  to  30V, 30mA 
PGND to GND 
‐0.3V  to  +0.3V 
All other pins ‐0.3V  to  3.9V 
Storage Temperature Range 
‐65°C  to  150°C 
Junction Temperature Range ‐40°C  to  150°C 
ESD Classification 
JEDEC Class 1C 
Moisture Sensitivity Level 
JEDEC Level 2 @ 260°C (Note 2) 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com