Electronic Components Datasheet Search
  English  ▼

X  

IR3475 Datasheet(PDF) 13 Page - International Rectifier

Part # IR3475
Description  10A Highly Integrated SupIRBuck Constant On.Time Control
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3475 Datasheet(HTML) 13 Page - International Rectifier

Back Button IR3475 Datasheet HTML 9Page - International Rectifier IR3475 Datasheet HTML 10Page - International Rectifier IR3475 Datasheet HTML 11Page - International Rectifier IR3475 Datasheet HTML 12Page - International Rectifier IR3475 Datasheet HTML 13Page - International Rectifier IR3475 Datasheet HTML 14Page - International Rectifier IR3475 Datasheet HTML 15Page - International Rectifier IR3475 Datasheet HTML 16Page - International Rectifier IR3475 Datasheet HTML 17Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
March 27, 2013  |  V2.2  |  PD97602
13
IR3475 
10A Highly Integrated SupIRBuck
TM 
UNDER/OVER VOLTAGE MONITOR 
The IR3475 monitors the voltage at the FB node through a 
350ns filter. If the FB voltage is below the under voltage 
threshold, UV# is set to LOW holding PGOOD to be LOW. If 
the FB voltage is above the over voltage threshold, OV# is 
set to LOW, the shutdown signal (SD) is set to HIGH, 
MOSFET gates are turned off, and PGOOD signal is pulled 
low. Toggling VCC or EN will allow the next start up. Figure 
24 and 25 show PGOOD status change when UV/OV is 
detected. The over voltage and under voltage thresholds 
can be found in the Electrical Specification section.  
 
 
 
 
 
 
 
 
* typical filter delay 
Figure 24: Under/Over Voltage Monitor 
 
 
 
 
 
 
* typical filter delay 
Figure 25: Over Voltage Protection 
 
OVER CURRENT MONITOR 
The over‐current circuitry monitors the output current 
during each switching cycle. The voltage across the lower 
MOSFET, VPHASE, is monitored for over current and zero 
crossing. The OCP circuit evaluates VPHASE for an over 
current condition typically 270ns after the lower MOSFET 
is gated on. This delay functions to filter out switching 
noise. The minimum lower gate interval allows time to 
sample VPHASE. 
The over current trip point is programmed with a resistor 
from the ISET pin to PHASE pin, as shown in equation 4.  
When over current is detected, the MOSFET gates are tri‐
state and SS voltage is pulled to 0V.  This initiates a new 
soft start cycle. If there is a total of four OC events, the 
IR3475 will disable switching. Toggling VCC or EN will allow 
the next start up. 
 
 
 
 
 
 
 
 
 
 
 
Figure 26: Over Current Protection 
UNDER VOLTAGE LOCK‐OUT 
The IR3475 has VCC and EN under voltage lock‐out (UVLO) 
protection. When either VCC or EN is below their UVLO 
threshold, IR3475 is disabled. IR3475 will restart when 
both VCC and EN are above their UVLO thresholds. 
OVER TEMPERATURE PROTECTION  
When the IR3475 exceeds its over temperature threshold, 
the MOSFET gates are tri‐state and PGOOD is pulled low. 
Switching resumes once temperature drops below the over 
temperature hysteresis level. 
(4)
19
I
R
R
OC
DSON
SET
A
μ
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com